Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61251 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61251
Description  TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61251 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61251_15 Datasheet HTML 1Page - Texas Instruments TPS61251_15 Datasheet HTML 2Page - Texas Instruments TPS61251_15 Datasheet HTML 3Page - Texas Instruments TPS61251_15 Datasheet HTML 4Page - Texas Instruments TPS61251_15 Datasheet HTML 5Page - Texas Instruments TPS61251_15 Datasheet HTML 6Page - Texas Instruments TPS61251_15 Datasheet HTML 7Page - Texas Instruments TPS61251_15 Datasheet HTML 8Page - Texas Instruments TPS61251_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SW
EN
PG
VIN
VOUT
FB
ILIM
GND
2
3
4
1
7
6
5
8
TPS61251
www.ti.com
SLVSAF7B – SEPTEMBER 2010 – REVISED JULY 2015
5 Description (Continued)
The TPS61251 device in combination with a reservoir capacitor allows the converter to provide high current
pules that would exceed the capability of the suppling circuit (PC slot, USB) and keeps the slot power safely
within its capabilities. During light loads the device will automatically enters an enhanced power save mode
(Snooze Mode), which allows the converter to maintain the required output voltage, while only drawing 2
μA from
the battery. This will allow maximum efficiency at lowest quiescent currents.
TPS61251 device allows the use of small inductors and input capacitors to achieve a small solution size. During
shutdown, the load is completely disconnected from the battery and will not discharge either the battery nor the
charged bulk capacitor. The TPS61251 device is available in a 8-pin QFN package measuring 2 × 2 mm (DSG).
6 Device Options
OUTPUT VOLTAGE(1)
PART NUMBER(2)
Adjustable
TPS61251
(1)
Contact TI for other fixed output voltage options
(2)
For detailed ordering information please check the Mechanical,
Packaging, and Orderable Information section at the end of this data
sheet.
7 Pin Configuration and Functions
DSG Package
8-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
6
I
Enable input (1 enabled, 0 disabled)
FB
3
I
Voltage feedback pin
GND
1
Ground
ILIM
4
I
Adjustable average input current limit. Can be connected to VIN for maximum current limit or to GND
for minimum current limit.
PG
5
O
Output power good (1 good, 0 failure; open drain)
SW
7
I
Connection for Inductor
VIN
8
I
Supply voltage for power stage
VOUT
2
O
Boost converter output
Exposed
Must be soldered to achieve appropriate power dissipation and for mechanical reasons. Must be
Thermal Pad
connected to GND.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61251


Similar Part No. - TPS61251_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61251DSGR TI-TPS61251DSGR Datasheet
426Kb / 21P
[Old version datasheet]   BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
TPS61251DSGT TI-TPS61251DSGT Datasheet
426Kb / 21P
[Old version datasheet]   BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
More results

Similar Description - TPS61251_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61251 TI-TPS61251 Datasheet
426Kb / 21P
[Old version datasheet]   BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
TPS65510 TI-TPS65510 Datasheet
824Kb / 19P
[Old version datasheet]   LOW-POWER BATTERY BACKUP IC WITH INTEGRATED BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
Shenzhen Huazhimei Semi...
HM5063 HMSEMI-HM5063 Datasheet
1Mb / 11P
   constant current/constant voltage charging for single-cell lithium battery
logo
Texas Instruments
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
   Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com