Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCD2004S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MCCD2004S
Description  350 mW High Voltage Switching Diode 240 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCCD2004S Datasheet(HTML) 1 Page - Micro Commercial Components

  MCCD2004S Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCCD2004S

350 mW High Voltage
Switching Diode
240 Volts

)HDWXUHV
Surface Mount SOT-23 Package
Capable of 350mWatts of Power Dissipation
Suited For Applications Requiring High Voltage Capability
Marking Code: DB6
0D[LPXP5DWLQJV
z
Operating Temperature: -55
oC to +150oC
z
Storage Temperature: -55
oC to +150oC
z
Typical Thermal Resistance: 357
oC/W Junction to Ambient
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
240
V
Peak Repetitive Reverse Voltage
VRRM
300
V
Rectified Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Repetitive Peak Forward Current
IFRM
625
mA
Forward Surge Current tP =1ms
IFSM
4000
mA
Forward Surge Current tP =1s
IFSM
1000
mA
Total Power Dissipation @TA=25
°C
PD
350
mW
(OHFWULFDO &KDUDFWHULVWLFV # °& 8QOHVV 2WKHUZLVH 6SHFLILHG
Ratings
Symbol
Value
Test Condition
Maximum Forward
Voltage
VF
1.0 V
IF = 100mA
Maximum Reverse
Current
IR
100 nA
100
A
VR=240V
VR=240V,TA=150
oC
Minimum Reverse
Breakdown Voltage
V(BR)
300 V
IR=100
A
Maximum Junction
Capacitance
CT
5.0 pF
VR=0,f=1MHz
Maximum Reverse
Recovery Time
trr
50 ns
IF=IR=30mA, Rec. to
3.0mA, RL

SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MCCD2004S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCCD2004 MCC-MCCD2004 Datasheet
643Kb / 4P
   Dual N-Channel Power MOSFET
More results

Similar Description - MCCD2004S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBD3004S MCC-MMBD3004S Datasheet
229Kb / 3P
   350 mW High Voltage Switching Diode 240 Volts
MMBD3004S MCC-MMBD3004S_13 Datasheet
285Kb / 3P
   410 mW High Voltage Switching Diode 240 Volts
logo
Taiwan Semiconductor Co...
TS4148RWG TSC-TS4148RWG_14 Datasheet
194Kb / 4P
   350 mW High Speed SMD Switching Diode
logo
Shanghai Lunsure Electr...
BAV70 CHENYI-BAV70 Datasheet
53Kb / 2P
   350 mw 75 volt dual switching diode
logo
Micro Commercial Compon...
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
   350 mW Zener Diode 2.4 to 39 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
   350 mW Zener Diode 4.3 to 51 Volts
logo
Taiwan Semiconductor Co...
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
   410 mW High Voltage SMD Switching Diode
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
   350 mW ZENER DIODE 5% TOLERANCE
logo
Micro Commercial Compon...
BZT52B2V4LS MCC-BZT52B2V4LS Datasheet
607Kb / 4P
   200 mW Zener Diode 2.4~75 Volts
logo
Shanghai Lunsure Electr...
DL4454 CHENYI-DL4454 Datasheet
332Kb / 3P
   silicon switching diode 500 mw 75volt
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com