Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6313UK36D3-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6313UK36D3-T
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6313UK36D3-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6313UK36D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6313UK36D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6313UK36D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6313UK36D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6313UK36D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6313UK36D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6313UK36D3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6313UK36D3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6313UK36D3-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
_______________Detailed Description
The MAX6305–MAX6313 CMOS microprocessor (µP)
supervisory circuits are designed to monitor more than
one power supply and issue a system reset when any
monitored supply falls out of regulation. The MAX6305/
MAX6308/MAX6311 have two adjustable undervoltage
reset inputs (RST IN1 and RST IN2). The MAX6306/
MAX6307/MAX6309/MAX6310/MAX6312/MAX6313 mon-
itor VCC through an internal, factory-trimmed voltage
divider. The MAX6306/MAX6309/MAX6312 have, in
addition, an adjustable undervoltage reset input and a
manual-reset input. The internal voltage divider sets the
reset threshold as specified in the device part number
(Table 1). The MAX6307/MAX6310/ MAX6313 feature an
adjustable undervoltage reset input (RST IN) and an
adjustable overvoltage reset input (OVRST IN) in addition
to the factory-trimmed reset threshold on the VCC moni-
tor. Program the adjustable reset inputs with an external
resistor divider (see
Adjustable Reset Inputs section).
Reset Outputs
A µP’s reset input starts the µP in a known state. These
µP supervisory circuits assert reset to prevent code-
execution errors during power-up, power-down, or
brownout conditions.
RESET (MAX6305–MAX6310) and RESET (MAX6311/
MAX6312/MAX6313) are guaranteed to be asserted at
a valid logic level for VCC > 1V (see Electrical
Characteristics). Once all monitored voltages exceed
their programmed reset thresholds, an internal timer
keeps reset asserted for the reset timeout period (tRP);
after this interval, reset deasserts.
If a brownout condition occurs (any or all monitored volt-
ages dip outside their programmed reset threshold),
reset asserts (RESET goes high; RESET goes low). Any
time any of the monitored voltages dip below their reset
threshold, the internal timer resets to zero and reset
asserts. The internal timer starts when all of the moni-
tored voltages return above their reset thresholds, and
reset remains asserted for a reset timeout period. The
MAX6305/MAX6306/MAX6307 feature an active-low,
5-Pin, Multiple-Input,
Programmable Reset ICs
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
MAX6305
MAX6308
MAX6311
NAME
FUNCTION
Active-Low, Open-Drain Reset Output for the MAX6305/MAX6306/
MAX6307. Active-Low, Push/Pull Reset Output (sources and sinks
current) for the MAX6308/MAX6309/MAX6310.
1
RESET
Active-High, Push/Pull Reset Output for the MAX6311/MAX6312/MAX6313
2
GND
System Ground
OVRST IN
Overvoltage Reset Comparator Input. Asserts reset when the monitored
voltage exceeds the programmed threshold. Set the reset threshold
with an external resistor divider. Connect to GND if unused.
RST IN
Undervoltage Reset Comparator Input. Asserts reset when the
monitored voltage falls below the programmed threshold. Set the
reset threshold with an external resistor divider. Connect to VCC if
unused.
3, 4
RST IN1,
RST IN2
MR
Manual-Reset Input. Pull low to force a reset. RESET/RESET remains
active as long as MR is low and for the timeout period after MR
goes high. Leave unconnected or connect to VCC if unused.
5
VCC
System Supply. The MAX6306/MAX6307/MAX6309/MAX6310/
MAX6312/MAX6313 also monitor VCC through an internal factory-
trimmed resistor divider to the reset comparator.
MAX6306
MAX6309
MAX6312
1
2
4
3
5
MAX6307
MAX6310
MAX6313
PIN
1
2
4
3
5
RESET


Similar Part No. - MAX6313UK36D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6313 MAXIM-MAX6313 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6313 MAXIM-MAX6313 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6313 MAXIM-MAX6313 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6313 MAXIM-MAX6313 Datasheet
118Kb / 8P
   Supervisory Circuit Evaluation Kit
19-4779; Rev 0; 8/98
More results

Similar Description - MAX6313UK36D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com