Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AC04G-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74AC04G-P14-R
Description  HEX INVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC04G-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74AC04G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AC04G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AC04G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AC04G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AC04G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74AC04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-425.C
TEST CIRCUIT AND WAVEFORMS
VCC
INPUTS
VM
CL
RL
VIN
tR, tF
3.3V±0.3V
VCC
≤2.5ns
VCC /2
50pF
500Ω
5V±0.5V
VCC
≤2.5ns
VCC /2
50pF
500Ω
Notes: 1. CL includes probe and jig capacitance
2. All input pulses are supplied by generators having the following characteristics: PRR ≤1MHz, ZO = 50Ω.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74AC04G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC04G-P14-R UTC-U74AC04G-P14-R Datasheet
162Kb / 6P
   HEX INVERTERS
More results

Similar Description - U74AC04G-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com