Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74ACT08G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74ACT08G-S14-R
Description  QUAD 2-INPUT AND GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT08G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74ACT08G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74ACT08G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74ACT08G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74ACT08G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74ACT08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R126-006.D
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~ VCC+0.5
V
DC Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current (ViN<0)
IIK
±20
mA
Output Clamp Current (VOUT<0)
IOK
±20
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±200
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
4.5 ~ 5.5
V
Input Voltage
VIN
0 ~ VCC
V
Output Voltage
VOUT
0 ~ VCC
V
Input Transition Rise or Fall Rate
tR, tF
8
ns/V
Operating Temperature
TA
-40 ~ +85
°C
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=4.5V~5.5V, VOUT=0.1V or VCC- 0.1V
2.0
1.5
V
Low-Level Input Voltage
VIL
VCC=4.5V~5.5V, VOUT=0.1V or VCC- 0.1V
1.5
0.8
V
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-50μA
4.4
4.49
V
VCC=5.5V,IOH=-50μA
5.4
5.49
VCC=4.5V,IOH=-24mA
3.86
VCC=5.5V,IOH=-24mA
4.86
Low-Level Output Voltage
VOL
VCC=4.5V, IOL=50μA
0.001
0.1
V
VCC=5.5V, IOL=50μA
0.001
0.1
VCC=4.5V, IOL=24mA
0.36
VCC=5.5V, IOL=24mA
0.36
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=5.5V or GND
±0.1
μA
Additional Quiescent Supply
Current
IQ
VCC=5.5V, VIN=3.4V; other input at VCC or
GND; IOUT=0
0.6
mA
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND IOUT=0
4
μA
Input Capacitance
CIN
VCC=5.0V, VIN=VCC or GND
4
pF
DYNAMIC CHARACTERISTIC (input tR = tF =3ns, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Propagation Delay Time
tPLH tPHL VCC =5.0V±0.5V, CL =50pF, RL =500Ω
1.5
5
9
ns
OPERATING CHARACTERISTIC
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC =5.0V
30
pF


Similar Part No. - U74ACT08G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT08G-S14-R UTC-U74ACT08G-S14-R Datasheet
183Kb / 4P
   QUAD 2-INPUT AND GATE
More results

Similar Description - U74ACT08G-S14-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com