Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBD4448
Description  Surface Mount Schottky Barrier Switching Diode 350mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4448 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBD4448 Datasheet HTML 1Page - Micro Commercial Components MMBD4448 Datasheet HTML 2Page - Micro Commercial Components MMBD4448 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD4448
Admissable Power Dissipation - MilliWattsversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
70
140
210
Single Phase, Half Wave
60Hz Resistive or Inductive Load
MilliWatts
°C
150
280
350
420
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
200
100
MilliAmps
.4
.6
.8
1.0
1.2
1.4
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
.1
.2
.6
1
2
10
pF
Volts
6
4
.4
400
1000
TJ=25
°C
MCC
www.mccsemi.com


Similar Part No. - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448 PANJIT-MMBD4448 Datasheet
101Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Won-Top Electronics
MMBD4448 WTE-MMBD4448 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
MMBD4448 DIODES-MMBD4448 Datasheet
81Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12011 Rev. 16 - 2
logo
Jinan Gude Electronic D...
MMBD4448 JGD-MMBD4448 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Micro Commercial Compon...
BAS40WX MCC-BAS40WX_13 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diode 350mW
BAS40WX MCC-BAS40WX Datasheet
303Kb / 2P
   Surface Mount Schottky Barrier Diode 350mW
BAS40WX MCC-BAS40WX_11 Datasheet
176Kb / 2P
   Surface Mount Schottky Barrier Diode 350mW
MMBD4448 MCC-MMBD4448_11 Datasheet
187Kb / 4P
   Surface Mount Switching Diode 350mW
MMBD4448 MCC-MMBD4448_13 Datasheet
246Kb / 4P
   Switching Diode 350mW Surface Mount
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_14 Datasheet
204Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
SD101AW TSC-SD101AW_14 Datasheet
198Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com