Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1750S-19 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM1750S-19
Description  350mA, Micropower, Very Low Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1750S-19 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM1750S-19 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1750S-19 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1750S-19 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1750S-19 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1750S-19 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1750S-19 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1750S-19 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1750S-19 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1750S-19 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
6/18
UM1650 UM1750
Ordering Information (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM1750S-00
ADJ
SOT23-5
5CT
3000pcs/7Inch
Tape & Reel
UM1750S-10
1.0V
5JA
UM1750S-11
1.1V
5JB
UM1750S-12
1.2V
5J2
UM1750S-13
1.3V
5J3
UM1750S-14
1.4V
5J4
UM1750S-15
1.5V
5J5
UM1750S-16
1.6V
5J6
UM1750S-17
1.7V
5J7
UM1750S-18
1.8V
5J8
UM1750S-19
1.9V
5J9
UM1750S-20
2.0V
5NA
UM1750S-21
2.1V
5NB
UM1750S-22
2.2V
5N2
UM1750S-23
2.3V
5N3
UM1750S-24
2.4V
5N4
UM1750S-25
2.5V
5N5
UM1750S-26
2.6V
5N6
UM1750S-27
2.7V
5N7
UM1750S-28
2.8V
5N8
UM1750S-29
2.9V
5N9
UM1750S-30
3.0V
5PA
UM1750S-31
3.1V
5PB
UM1750S-32
3.2V
5HP
UM1750S-33
3.3V
5CU
UM1750S-34
3.4V
5P4
UM1750S-35
3.5V
5P5
UM1750S-36
3.6V
5P6
UM1750S-37
3.7V
5P7
UM1750S-38
3.8V
5P8
UM1750S-39
3.9V
5P9
UM1750S-40
4.0V
5PC


Similar Part No. - UM1750S-19

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17512 UNIONSEMI-UM17512 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17513 UNIONSEMI-UM17513 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17515 UNIONSEMI-UM17515 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17518 UNIONSEMI-UM17518 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17525 UNIONSEMI-UM17525 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM1750S-19

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com