Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5162ISZ-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5162ISZ-T7
Description  500MHz Low Power Current Feedback Amplifiers with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5162ISZ-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5162ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5162ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5162ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5162ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5162ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5162ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5162ISZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5162ISZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5162ISZ-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
EL5162, EL5163, EL5262, EL5263, EL5362
7
FN7388.13
August 26, 2015
Submit Document Feedback
FIGURE 7. CLOSED LOOP OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 8. EL5262 OUTPUT RISE TIME
FIGURE 9. EL5262 OUTPUT FALL TIME
FIGURE 10. TURN ON TIME (EL5162, EL5262, EL5362)
FIGURE 11. TURN OFF TIME (EL5162, EL5262, EL5362)
FIGURE 12. PSRR (VS+) vs FREQUENCY
Typical Performance Curves (Continued)
10k
FREQUENCY (Hz)
1M
10M
100M
1
0.1
10
100k
VS+ = +5V
VS- = -5V
AV = +2
100
4ns/DIV
INPUT RISE TIME
1.028ns
OUTPUT RISE
TIME 2.218ns
VS+= +5V
VS- = -5V
AV = +2
RL = 150Ω
2V/DIV
1V/DIV
4ns/DIV
INPUT FALL
TIME 1.036ns
OUTPUT FALL
TIME 2.21ns
VS+ = +5V
VS- = -5V
AV = +2
RL = 150Ω
2V/DIV
1V/DIV
CE
VOUT
100ns/DIV
CE = 5V / DIV
VOUT = 200mV / DIV
M = 100ns
CE
VOUT
100ns/DIV
CE = 5V / DIV
VOUT = 200mV / DIV
M = 100ns
-30
-20
100
1k
10k
FREQUENCY (Hz)
-50
-60
-70
-80
-40
-10
-90
100k
1M
10M
100M
0
VS+ = +5V
VS- = -5V
AV = +2
RL = 150Ω
-100


Similar Part No. - EL5162ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162ISZ-T7 INTERSIL-EL5162ISZ-T7 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ-T7 INTERSIL-EL5162ISZ-T7 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ-T7 INTERSIL-EL5162ISZ-T7 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162ISZ-T7 RENESAS-EL5162ISZ-T7 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ-T7A RENESAS-EL5162ISZ-T7A Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5162ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com