Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3517 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM3517
Description  STEPPER MOTOR CONTROLLER / DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3517 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM3517 Datasheet HTML 4Page - New Japan Radio NJM3517 Datasheet HTML 5Page - New Japan Radio NJM3517 Datasheet HTML 6Page - New Japan Radio NJM3517 Datasheet HTML 7Page - New Japan Radio NJM3517 Datasheet HTML 8Page - New Japan Radio NJM3517 Datasheet HTML 9Page - New Japan Radio NJM3517 Datasheet HTML 10Page - New Japan Radio NJM3517 Datasheet HTML 11Page - New Japan Radio NJM3517 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NJM3517
VZ
R
RExt
i
Figure 15. Power return turn-off circuit
Figure 16. Power return turn-off circuit
for bi-level
Figure 13. Resistance turn-off circuit
Figure 14. Zener diode turn-off circuit
Figure 12. Diode turn-off circuit
V1
V2
CS
0V
Power supply
s INPUT AND OUTPUT SIGNALS FOR DIFFERENT DRIVE MODES
The pulse diagrams, figures 7 through 10, show the necessary input signals and the resulting output signals for
each drive mode.
On the left side are the input and output signals, the next column shows the state of each signal at the cursor
position marked “C.”
STEP is shown with a 50% duty cycle, but can, of course, be with any duty cycle, as long as pulse time (t
p) is
within specifications.
P
A and PB are displayed with low level, showing current sinking.
L
A and LB are displayed with high level, showing current sourcing.
s USER HINTS
1.
Never disconnect ICs or PC-boards when power is supplied.
2.
If second supply is not used, disconnect and leave open V
SS, LA, LB, and RC. Preferably replace the VMM supply
diodes (D1, D2) with a straight connection.
3.
Remember that excessive voltages might be generated by the motor, even though clamping diodes are used.
4.
Choice of motor. Choose a motor that is rated for the current you need to establish desired torque. A high
supply voltage will gain better stepping performance. If the motor is not specified for the V
MM voltage, a current
limiting resistor will be necessary to connect in series with center tap. This changes the L/R time constant.
5.
Never use L
A or LB for continuous output at high currents. LA and LB on-time can be altered by changing the RC
net. An alternative is to trigger the mono-flip-flop by taking a STEP and then externally pulling the RC pin
(12Pin) low (0V) for the desired on-time.
6.
Avoid V
MM and VSS power supplies with serial diodes (without filter capacitor) and/or common ground with VCC.
The common place for ground should be as close as possible to the IC’s ground pin (pin 3).


Similar Part No. - NJM3517

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3524 NJRC-NJM3524 Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
NJM3524D NJRC-NJM3524D Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
NJM3524M NJRC-NJM3524M Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
NJM3524V NJRC-NJM3524V Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
NJM353 NJRC-NJM353 Datasheet
266Kb / 7P
   DUAL J-FET INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - NJM3517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com