Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8100IWZ-T7A Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL8100IWZ-T7A
Description  200MHz Rail-to-Rail Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8100IWZ-T7A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL8100IWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL8100IWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL8100IWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL8100IWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL8100IWZ-T7A Datasheet HTML 10Page - Intersil Corporation EL8100IWZ-T7A Datasheet HTML 11Page - Intersil Corporation EL8100IWZ-T7A Datasheet HTML 12Page - Intersil Corporation EL8100IWZ-T7A Datasheet HTML 13Page - Intersil Corporation EL8100IWZ-T7A Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN7103.9
September 14, 2010
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
ILOAD = Load current
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Lead
lengths should be as sort as possible. The power supply pin
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- pin is
connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+
to GND will suffice. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used. In this case, the VS- pin becomes the negative
supply rail.
For good AC performance, parasitic capacitance should be
kept to a minimum. Use of wire-wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier’s inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
Typical Applications
Video Sync Pulse Remover
Many CMOS analog to digital converters have a parasitic
latch up problem when subjected to negative input voltage
levels. Since the sync tip contains no useful video
information and it is a negative going pulse, we can chop it
off. Figure 27 shows a gain of 2 connections for EL8100,
EL8101. Figure 28 shows the complete input video signal
applied at the input, as well as the output signal with the
negative going sync pulse removed.
Multiplexer
Besides the normal power-down usage, the ENABLE pin of
the EL8100 can be used for multiplexing applications.
Figure 29 shows two EL8100s with the outputs tied together,
driving a back terminated 75
Ω video load. A 2VP-P 2MHz
sine wave is applied to Amp A and a 1VP-P 2MHz sine wave
is applied to Amp B. Figure 30 shows the ENABLE signal
and the resulting output waveform at VOUT. Observe the
break-before-make operation of the multiplexing. Amp A is
on and VIN1 is passed through to the output when the
ENABLE signal is low and turns off in about 25ns when the
ENABLE signal is high. About 200ns later, Amp B turns on
and VIN2 is passed through to the output. The
break-before-make operation ensures that more than one
amplifier isn’t trying to drive the bus at the same time.
FIGURE 27. SYNC PULSE REMOVER
5V
1K
VOUT
VIN
75
Ω
+
-
75
Ω
1k
75
Ω
VS+
VS-
FIGURE 28. VIDEO SIGNAL
1.0V
0.5V
0V
1.0V
0.5V
0V
M = 10µs/DIV
VOUT
VIN
FIGURE 29. TWO TO ONE MULTIPLEXER
+2.5V
1k
2MHz
75
Ω
+
-
1K
75
Ω
-2.5V
VOUT
75
Ω
1VP-P
B
+2.5V
1K
2MHz
+
-
1k
75
Ω
-2.5V
2VP-P
A
ENABLE
EL8100, EL8101


Similar Part No. - EL8100IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8100IWZ-T7A INTERSIL-EL8100IWZ-T7A Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100IWZ-T7A INTERSIL-EL8100IWZ-T7A Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100IWZ-T7A RENESAS-EL8100IWZ-T7A Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8100IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com