Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA3-5020-5Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA3-5020-5Z
Description  100MHz Current Feedback Video Amplifier With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA3-5020-5Z Datasheet(HTML) 5 Page - Intersil Corporation

  HA3-5020-5Z Datasheet HTML 1Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 2Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 3Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 4Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 5Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 6Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 7Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 8Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN2845.13
August 11, 2015
Output Current, Short Circuit (Note 17)
VIN = 10V, VOUT = 0V
Full
50
65
-
mA
Output Current, Disabled (Note 17)
DISABLE = 0V,
VOUT = 10V
Full
-
-
1
µA
Output Disable Time (Notes 13, 17)
25
-
10
-
µs
Output Enable Time (Notes 14, 17)
25
-
200
-
ns
Supply Voltage Range
25
±5
-
±15
V
Output Capacitance, Disabled (Note 15)
DISABLE = 0V
25
-
6
-
pF
VIDEO CHARACTERISTICS
Differential Gain (Notes 16, 17)
RL = 150
25
-
0.03
-
%
Differential Phase (Notes 16, 17)
RL = 150
25
-
0.03
-
°
Gain Flatness
To 5MHz
25
-
0.1
-
dB
Electrical Specifications
V+ = +5V, V- = -5V, RF = 1k AV = +1, RL = 400 CL 10pF, Unless Otherwise Specified.
Parameters are not tested. The limits are guaranteed based on lab characterizations, and reflect
lot-to-lot variation.
PARAMETER
TEST CONDITIONS
TEMP.
(°C)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage (Notes 6, 17)
25
-
2
8
mV
Full
-
-
10
mV
Average Input Offset Voltage Drift
Full
-
10
-
µV/°C
VIO Common Mode Rejection Ratio (Notes 17, 18)
25
50
-
-
dB
Full
35
-
-
dB
VIO Power Supply Rejection Ratio (Note 17)
±3.5V
 VS  ±6.5V
25
55
-
-
dB
Full
50
-
-
dB
Non-Inverting Input (+IN) Current (Note 17)
25
-
3
8
µA
Full
-
-
20
µA
+IN Common Mode Rejection (Note 18)
25
-
-
0.1
µA/V
Full
-
-
0.5
µA/V
+IN Power Supply Rejection
±3.5V
 VS  ±6.5V
25
-
-
0.06
µA/V
Full
-
-
0.2
µA/V
Inverting Input (-IN) Current (Note 17)
25
-
12
20
µA
Full
-
25
50
µA
-IN Common Mode Rejection (Note 18)
25
-
-
0.4
µA/V
Full
-
-
0.5
µA/V
-IN Power Supply Rejection
±3.5V
 VS  ±6.5V
25
-
-
0.2
µA/V
Full
-
-
0.5
µA/V
TRANSFER CHARACTERISTICS
Transimpedance (Notes 12, 17)
25
1000
-
-
V/mA
Full
850
-
-
V/mA
Open Loop DC Voltage Gain
RL = 400,
VOUT = ±2.5V
25
65
-
-
dB
Full
60
-
-
dB
Electrical Specifications
VSUPPLY = 15V, RF = 1k AV = +1, RL = 400 CL  10pF,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP.
(°C)
MIN
TYP
MAX
UNITS
HA-5020


Similar Part No. - HA3-5020-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Renesas Technology Corp
HA3-5020-5Z RENESAS-HA3-5020-5Z Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
More results

Similar Description - HA3-5020-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com