Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA3-5020-5Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA3-5020-5Z
Description  100MHz Current Feedback Video Amplifier With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA3-5020-5Z Datasheet(HTML) 1 Page - Intersil Corporation

  HA3-5020-5Z Datasheet HTML 1Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 2Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 3Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 4Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 5Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 6Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 7Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 8Page - Intersil Corporation HA3-5020-5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
HA-5020
100MHz Current Feedback
Video Amplifier With Disable
The HA-5020 is a wide bandwidth, high slew rate amplifier
optimized for video applications and gains between 1
and 10. Manufactured on Intersil’s Reduced Feature
Complementary Bipolar DI process, this amplifier uses
current mode feedback to maintain higher bandwidth at a
given gain than conventional voltage feedback amplifiers.
Since it is a closed loop device, the HA-5020 offers better
gain accuracy and lower distortion than open loop buffers.
The HA-5020 features low differential gain and phase and
will drive two double terminated 75
 coax cables to video
levels with low distortion. Adding a gain flatness
performance of 0.1dB makes this amplifier ideal for
demanding video applications. The bandwidth and slew rate
of the HA-5020 are relatively independent of closed loop
gain. The 100MHz unity gain bandwidth only decreases to
60MHz at a gain of 10. The HA-5020 used in place of a
conventional op amp will yield a significant improvement in
the speed power product. To further reduce power, HA-5020
has a disable function which significantly reduces supply
current, while forcing the output to a true high impedance
state. This allows the outputs of multiple amplifiers to be
wire-OR’d into multiplexer configurations. The device also
includes output short circuit protection and output offset
voltage adjustment.For multi channel versions of the
HA-5020 see the HA5022 dual with disable, HA5023 dual,
HA5013 triple and HA5024 quad with disable op amp data
sheets.
Pinout
HA-5020
(PDIP, SOIC)
TOP VIEW
Features
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 100MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V/µs
• Output Current . . . . . . . . . . . . . . . . . . . . . . . ±30mA (Min)
• Drives 3.5V into 75
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . . . . . . . .0.03°
• Low Input Voltage Noise . . . . . . . . . . . . . . . . . 4.5nV/
Hz
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 10mA (Max)
• Wide Supply Range . . . . . . . . . . . . . . . . . . . ±5V to ±15V
• Output Enable/Disable
• High Performance Replacement for EL2020
• Pb-Free (RoHS Compliant)
Applications
• Unity Gain Video/Wideband Buffer
• Video Gain Block
• Video Distribution Amp/Coax Cable Driver
• Flash A/D Driver
• Waveform Generator Output Driver
• Current to Voltage Converter; D/A Output Buffer
• Radar Systems
• Imaging Systems
BAL
IN-
IN+
V-
1
2
3
4
8
7
6
5
DISABLE
V+
OUT
BAL
+-
Data Sheet
August 11, 2015
FN2845.13
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2002, 2005,-2006, 2013, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA3-5020-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Renesas Technology Corp
HA3-5020-5Z RENESAS-HA3-5020-5Z Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
More results

Similar Description - HA3-5020-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com