Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4P5002-5Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA4P5002-5Z
Description  110MHz, High Slew Rate, High Output Current Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4P5002-5Z Datasheet(HTML) 3 Page - Intersil Corporation

  HA4P5002-5Z Datasheet HTML 1Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 2Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 3Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 4Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 5Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 6Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 7Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 8Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN2921.12
October 18, 2013
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 44V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V1+ to V1-
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . .
±200mA
Output Current (50ms On, 1s Off) . . . . . . . . . . . . . . . . . . . .
±400mA
Operating Conditions
Temperature Range
HA-5002-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
HA-5002-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +75°C
HA-5002-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance
θJA (°C/W) θJC (°C/W)
Metal Can Package (Notes 3, 4) . . . . .
155
67
PLCC Package (Note 3). . . . . . . . . . . .
74
N/A
SOIC Package (Note 3) . . . . . . . . . . . .
157
N/A
Max Junction Temperature (Hermetic Packages, Note 2). . . . . +175°C
Max Junction Temperature (Plastic Packages, Note 2). . . . . . . +150°C
Max Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C
Max Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . +300°C
(PLCC and SOIC - Lead Tips Only)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
2. Maximum power dissipation, including load conditions, must be designed to maintain the maximum junction temperature below +175°C for the
can packages, and below +150°C for the plastic packages.
3. For
θJA is measured with the component mounted on an evaluation PC board in free air.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VSUPPLY = ±12V to ±15V, RS = 50Ω, RL = 1kΩ, CL = 10pF, Unless Otherwise Specified
PARAMETER
TEST
CONDITIONS
TEMP
(°C)
HA-5002-2
HA-5002-5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
5
20
-
5
20
mV
Full
-
10
30
-
10
30
mV
Average Offset Voltage Drift
Full
-
30
-
-
30
-
μV/°C
Bias Current
25
-
2
7
-
2
7
μA
Full
-
3.4
10
-
2.4
10
μA
Input Resistance
Full
1.5
3
-
1.5
3
-
M
Ω
Input Noise Voltage
10Hz-1MHz
25
-
18
-
-
18
-
μVP-P
TRANSFER CHARACTERISTICS
Voltage Gain
(VOUT = ±10V)
RL = 50Ω
25
-
0.900
-
-
0.900
-
V/V
RL = 100Ω
25
-
0.971
-
-
0.971
-
V/V
RL = 1kΩ
25
-
0.995
-
-
0.995
-
V/V
RL = 1kΩ
Full
0.980
-
-
0.980
-
-
V/V
-3dB Bandwidth
VIN = 1VP-P
25
-
110
-
-
110
-
MHz
AC Current Gain
25
-
40
-
-
40
-
A/mA
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 100Ω
25
±10
±10.7
-
±10
±11.2
-
V
RL = 1kΩ, VS = ±15V
Full
±10
±13.5
-
±10
±13.9
-
V
RL = 1kΩ, VS = ±12V
Full
±10
±10.5
-
±10
±10.5
-
V
Output Current
VIN = ±10V, RL = 40Ω
25
-
220
-
-
220
-
mA
Output Resistance
Full
-
3
10
-
3
10
Ω
Harmonic Distortion
VIN = 1VRMS, f = 10kHz
25
-
<0.005
-
-
<0.005
-
%
TRANSIENT RESPONSE
Full Power Bandwidth (Note 5)
25
-
20.7
-
-
20.7
-
MHz
Rise Time
25
-
3.6
-
-
3.6
-
ns
Propagation Delay
25
-
2
-
-
2
-
ns
Overshoot
25
-
30
-
-
30
-
%
Slew Rate
25
1.0
1.3
-
1.0
1.3
-
V/ns
Settling Time
To 0.1%
25
-
50
-
-
50
-
ns
Differential Gain
RL = 500Ω
25
-
0.06
-
-
0.06
-
%
Differential Phase
RL = 500Ω
25
-
0.22
-
-
0.22
-
°
HA-5002


Similar Part No. - HA4P5002-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4P5002-5Z INTERSIL-HA4P5002-5Z Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Renesas Technology Corp
HA4P5002-5Z RENESAS-HA4P5002-5Z Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
More results

Similar Description - HA4P5002-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com