Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4P5002-5Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA4P5002-5Z
Description  110MHz, High Slew Rate, High Output Current Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4P5002-5Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA4P5002-5Z Datasheet HTML 3Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 4Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 5Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 6Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 7Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 8Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 9Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 10Page - Intersil Corporation HA4P5002-5Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN2921.12
October 18, 2013
FIGURE 6. VOLTAGE GAIN vs TEMPERATURE (RL = 100Ω)
FIGURE 7. VOLTAGE GAIN vs TEMPERATURE (RL = 1kΩ)
FIGURE 8. OFFSET VOLTAGE vs TEMPERATURE
FIGURE 9. BIAS CURRENT vs TEMPERATURE
FIGURE 10. MAXIMUM OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
TEMPERATURE (°C)
0.994
0.992
0.990
0.988
0.986
0.984
0.982
0.980
0.978
0.976
0.974
0
20
406080
100
120
-20
-40
-60
VOUT = -10V TO +10V
VS = ±15V
TEMPERATURE (°C)
0.998
0.997
0.996
0.995
0.994
0.993
0.992
0.991
0
20
40
60
80
100
120
-20
-40
-60
VOUT = 0 TO -10V
VOUT = 0 TO +10V
VS = ±15V
TEMPERATURE (°C)
0
20
406080
100
120
-20
-40
-60
3
2
1
0
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
VS = ±15V
TEMPERATURE (°C)
0
20
40
60
80
100
120
-20
-40
-60
0
1
2
3
4
5
6
7
VS = ±15V
TEMPERATURE (°C)
0
20406080100
120
-20
-40
-60
11
12
13
14
15
+VOUT
VS = ±15V, RLOAD = 100Ω
-VOUT
TEMPERATURE (°C)
0
20
40
60
80
100
120
-20
-40
-60
3
6
8
9
10
7
5
4
VS = ±15V, IOUT = 0mA
HA-5002


Similar Part No. - HA4P5002-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4P5002-5Z INTERSIL-HA4P5002-5Z Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Renesas Technology Corp
HA4P5002-5Z RENESAS-HA4P5002-5Z Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
More results

Similar Description - HA4P5002-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com