Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6601BCBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6601BCBZ
Description  Synchronous Rectified Buck MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601BCBZ Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6601BCBZ Datasheet HTML 1Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 2Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 3Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 4Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 5Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 6Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 7Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 8Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN9072.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2005, 2012. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
HIP6601B, HIP6603B, HIP6604B
Synchronous Rectified Buck
MOSFET Drivers
The HIP6601B, HIP6603B and HIP6604B are high-frequency,
dual MOSFET drivers specifically designed to drive two power
N-Channel MOSFETs in a synchronous rectified buck converter
topology. These drivers combined with a HIP63xx or the ISL65xx
series of Multi-Phase Buck PWM controllers and MOSFETs form
a complete core-voltage regulator solution for advanced
microprocessors.
The HIP6601B drives the lower gate in a synchronous rectifier to
12V, while the upper gate can be independently driven over a range
from 5V to 12V. The HIP6603B drives both upper and lower gates
over a range of 5V to 12V. This drive-voltage flexibility provides
the advantage of optimizing applications involving trade-offs
between switching losses and conduction losses. The HIP6604B
can be configured as either a HIP6601B or a HIP6603B.
The output drivers in the HIP6601B, HIP6603B and HIP6604B
have the capacity to efficiently switch power MOSFETs at
frequencies up to 2MHz. Each driver is capable of driving a
3000pF load with a 30ns propagation delay and 50ns transition
time. These products implement bootstrapping on the upper gate
with only an external capacitor required. This reduces
implementation complexity and allows the use of higher
performance, cost effective, N-Channel MOSFETs. Adaptive
shoot-through protection is integrated to prevent both MOSFETs
from conducting simultaneously.
Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• Internal Bootstrap Device
• Supports High Switching Frequency
- Fast Output Rise Time
- Propagation Delay 30ns
• Small 8 Ld SOIC and EPSOIC and 16 Ld QFN Packages
• Dual Gate-Drive Voltages for Optimal Efficiency
• Three-State Input for Output Stage Shutdown
• Supply Undervoltage Protection
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN—Quad Flat No
Leads—Product Outline.
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile.
• Pb-Free (RoHS Compliant)
Applications
• Core Voltage Supplies for Intel Pentium® III, AMD® Athlon™
Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Voltage DC/DC Converters
Related Literature
• Technical Brief TB363, Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices (SMDs)
Data Sheet
May 1, 2012
NOT R
ECOM
MEND
ED FOR
NEW D
ESIGN
S
INTER
SIL RE
COMM
ENDS:
ISL661
2, ISL6
612A, I
SL6613
, ISL66
13A,
ISL661
4, ISL6
614A


Similar Part No. - HIP6601BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BCBZ INTERSIL-HIP6601BCBZ Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
HIP6601BCBZ INTERSIL-HIP6601BCBZ Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
logo
Renesas Technology Corp
HIP6601BCBZ RENESAS-HIP6601BCBZ Datasheet
682Kb / 14P
   Synchronous Rectified BuckMOSFET Drivers
logo
Intersil Corporation
HIP6601BCBZA INTERSIL-HIP6601BCBZA Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
HIP6601BCBZA INTERSIL-HIP6601BCBZA Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
More results

Similar Description - HIP6601BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com