Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA11XXEVAL Datasheet(PDF) 9 Page - Intersil Corporation

Part # HFA11XXEVAL
Description  360MHz, Low Power, Video Operational Amplifier with Output Limiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA11XXEVAL Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HFA11XXEVAL Datasheet HTML 5Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 6Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 7Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 8Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 9Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 10Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 11Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 12Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FIGURE 12. SMALL SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 13. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 14. SMALL SIGNAL POSITIVE PULSE RESPONSE
FIGURE 15. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 16. SMALL SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 17. LARGE SIGNAL BIPOLAR PULSE RESPONSE
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified (Continued)
AV = +1
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = +1
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
TIME (5ns/DIV.)
AV = -1
200
150
100
50
0
-50
-100
250
300
TIME (5ns/DIV.)
AV = -1
2.0
1.5
1.0
0.5
0
-0.5
-1.0
2.5
3.0
TIME (5ns/DIV.)
AV = -1
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = -1
2.0
1.5
0.5
0
-0.5
-1.0
-1.5
-2.0
1.0
TIME (5ns/DIV.)
HFA1135


Similar Part No. - HFA11XXEVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA11XXEVAL RENESAS-HFA11XXEVAL Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA11XXEVAL INTERSIL-HFA11XXEVAL Datasheet
132Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier
HFA11XXEVAL INTERSIL-HFA11XXEVAL Datasheet
304Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
HFA11XXEVAL INTERSIL-HFA11XXEVAL Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA11XXEVAL RENESAS-HFA11XXEVAL Datasheet
350Kb / 5P
   850MHz Video Cable Driving Buffer
September 2004
More results

Similar Description - HFA11XXEVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1135 RENESAS-HFA1135 Datasheet
808Kb / 15P
   360MHz, Low Power, Video Operational Amplifier with Output Limiting
logo
Intersil Corporation
HFA1135 INTERSIL-HFA1135_06 Datasheet
421Kb / 15P
   360MHz, Low Power, Video Operational Amplifier with Output Limiting
HFA1135 INTERSIL-HFA1135 Datasheet
220Kb / 15P
   360MHz, Low Power, Video Operational Amplifier with Output Limiting
June 2000
logo
Renesas Technology Corp
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
HFA1149 INTERSIL-HFA1149 Datasheet
137Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com