Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6601BECBZA Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6601BECBZA
Description  Synchronous Rectified Buck MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601BECBZA Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6601BECBZA Datasheet HTML 1Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 2Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 3Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 4Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 5Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 6Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 7Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 8Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN9072.8
May 1, 2012
OUTPUT
Upper Drive Source Impedance
RUGATE
VPVCC = 5V
-
1.7
3.0
Ω
VPVCC = 12V
-
3.0
5.0
Ω
Upper Drive Sink Impedance
RUGATE
VPVCC = 5V
-
2.3
4.0
Ω
VPVCC = 12V
-
1.1
2.0
Ω
Lower Drive Source Current
Equivalent Drive Source Impedance
ILGATE
RLGATE
VPVCC = 5V
400
580
-
mA
VPVCC = 12V
500
730
-
mA
VPVCC = 5V
-
9
-
Ω
Lower Drive Sink Impedance
RLGATE
VPVCC = 5V or 12V
-
1.6
4.0
Ω
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Boldface limits apply over the operating temperature
range, 0°C to +85°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
HIP6601B, HIP6603B, HIP6604B


Similar Part No. - HIP6601BECBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BECBZA INTERSIL-HIP6601BECBZA Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
HIP6601BECBZA INTERSIL-HIP6601BECBZA Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
logo
Renesas Technology Corp
HIP6601BECBZA RENESAS-HIP6601BECBZA Datasheet
682Kb / 14P
   Synchronous Rectified BuckMOSFET Drivers
More results

Similar Description - HIP6601BECBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com