Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6256HRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6256HRZ
Description  Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6256HRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6256HRZ Datasheet HTML 6Page - Intersil Corporation ISL6256HRZ Datasheet HTML 7Page - Intersil Corporation ISL6256HRZ Datasheet HTML 8Page - Intersil Corporation ISL6256HRZ Datasheet HTML 9Page - Intersil Corporation ISL6256HRZ Datasheet HTML 10Page - Intersil Corporation ISL6256HRZ Datasheet HTML 11Page - Intersil Corporation ISL6256HRZ Datasheet HTML 12Page - Intersil Corporation ISL6256HRZ Datasheet HTML 13Page - Intersil Corporation ISL6256HRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
FN6499.3
September 14, 2010
Typical Operating Performance
DCIN = 20V, 4S2P Li-Battery, TA = +25°C, Unless Otherwise Noted.
FIGURE 4. VDD LOAD REGULATION
FIGURE 5. VREF LOAD REGULATION
FIGURE 6. ACCURACY vs AC ADAPTER CURRENT
FIGURE 7. SYSTEM EFFICIENCY vs CHARGE CURRENT
FIGURE 8. AC AND DC ADAPTER DETECTION
FIGURE 9. LOAD TRANSIENT RESPONSE
0.6
0.3
0.0
-0.3
-0.6
15
0
5
10
20
40
LOAD CURRENT (mA)
0.10
0.08
0.06
0.04
0.00
0
100
200
300
400
0.02
LOAD CURRENT (µA)
0
1
2
3
4
5
6
7
8
9
10
10
20
30
40
50
60
70
80
90
100
CSIP-CSIN (mV)
0
LOAD CURRENT (A)
100
96
92
88
84
80
76
1.5
0
0.5
1.0
2.0
2.5
3.0
3.5
4.0
VCSON = 16.8V
VCSON = 8.4V
2 CELLS
VCSON = 12.6V
3 CELLS
4 CELLS
DCIN
10V/div
ACSET
1V/div
DCSET
1V/div
DCPRN
5V/div
ACPRN
5V/div
DCIN
10V/div
ACSET
1V/div
DCSET
1V/div
DCPRN
5V/div
ACPRN
5V/div
LOAD
CURRENT
5A/div
ADAPTER
CURRENT
5A/div
CHARGE
CURRENT
2A/div
BATTERY
VOLTAGE
2V/div
LOAD STEP: 0-4A
CHARGE CURRENT: 3A
AC ADAPTER CURRENT LIMIT: 5.15A
LOAD STEP: 0A TO 4A
CHARGE CURRENT: 3A
AC ADAPTER CURRENT LIMIT: 5.15A
ISL6256, ISL6256A


Similar Part No. - ISL6256HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256HRZ RENESAS-ISL6256HRZ Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results

Similar Description - ISL6256HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com