Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6262IRZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6262IRZ-T
Description  Two-Phase Core Regulator for IMVP-6 Mobile CPUs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6262IRZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6262IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
FN9199.2
May 15, 2006
PGOOD Delay
tpgd
ISL6262CRZ
TA = -10°C to 100°C
CLK_EN# Low to PGOOD High
5.5
6.8
8.1
ms
tpgd
ISL6262IRZ
CLK_EN# Low to PGOOD High
5.3
6.8
8.1
ms
Overvoltage Threshold
OVH
VO rising above setpoint > 1ms
160
200
240
mV
Severe Overvoltage Threshold
OVHS
VO rising above setpoint > 0.5µs
1.675
1.7
1.725
V
OCSET Reference Current
I(Rbias) = 10µA
9.8
10
10.2
µA
OC Threshold Offset
DROOP rising above OCSET > 120µs
-3.5
-
3.5
mV
Current Imbalance Threshold
Difference between ISEN1 and ISEN2 > 1ms
-
7.5
-
mV
Undervoltage Threshold
(VDIFF-SOFT)
UVf
VO falling below setpoint for > 1ms
-365
-300
-240
mV
LOGIC INPUTS
VR_ON, DPRSLPVR and PGD_IN
Input Low
VIL
--
1
V
VR_ON, DPRSLPVR and PGD_IN
Input High
VIH
2.3
-
-
V
Leakage Current of VR_ON and
PGD_IN
IIL
Logic input is low
-1
0
-
µA
IIH
Logic input is high at 3.3V
-
0
1
µA
Leakage Current of DPRSLPVR
IIL_DPRSLP
DPRSLPVR input is low
-1
0
-
µA
IIH_DPRSLP
DPRSLPVR input is high at 3.3V
-
0.45
1
µA
DAC(VID0-VID6), PSI# and
DPRSTP# Input Low
VIL
--
0.3
V
DAC(VID0-VID6), PSI# and
DPRSTP# Input High
VIH
0.7
-
-
V
Leakage Current of DAC(VID0-
VID6), PSI# and DPRSTP#
IIL
Logic input is low
-1
0
-
µA
IIH
Logic input is high at 1V
-
0.45
1
µA
THERMAL MONITOR
NTC Source Current
NTC = 1.3 V
53
60
68
µA
Over-Temperature Threshold
V(NTC) falling
1.165
1.18
1.205
V
VR_TT# Low Output Resistance
RTT
I = 20mA
-
5
9
Ω
CLK_EN# OUTPUT LEVELS
CLK_EN# High Output Voltage
VOH
3V3 = 3.3V, I = -4mA
2.9
3.1
-
V
CLK_EN# Low Output Voltage
VOL
ICLK_EN# = 4mA
-
0.18
0.4
V
Electrical Specifications
VDD = 5V, TA = -40°C to 100°C, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6262


Similar Part No. - ISL6262IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262IRZ-T INTERSIL-ISL6262IRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262IRZ-T RENESAS-ISL6262IRZ-T Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results

Similar Description - ISL6262IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com