Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292-1CR4 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6292-1CR4
Description  Li-ion/Li Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292-1CR4 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6292-1CR4 Datasheet HTML 1Page - Intersil Corporation ISL6292-1CR4 Datasheet HTML 2Page - Intersil Corporation ISL6292-1CR4 Datasheet HTML 3Page - Intersil Corporation ISL6292-1CR4 Datasheet HTML 4Page - Intersil Corporation ISL6292-1CR4 Datasheet HTML 5Page - Intersil Corporation ISL6292-1CR4 Datasheet HTML 6Page - Intersil Corporation ISL6292-1CR4 Datasheet HTML 7Page - Intersil Corporation ISL6292-1CR4 Datasheet HTML 8Page - Intersil Corporation ISL6292-1CR4 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
¬
FN9105.9
ISL6292
Li-ion/Li Polymer Battery Charger
The ISL6292 is an integrated single-cell Li-ion or Li-polymer
battery charger capable of operating with an input voltage as
low as 2.4V. This charger is designed to work with various
types of AC adapters or a USB port.
The ISL6292 operates as a linear charger when the AC
adapter is a voltage source. The battery is charged in a
CC/CV (constant current/constant voltage) profile. The
charge current is programmable with an external resistor up
to 2A. The ISL6292 can also work with a current-limited
adapter to minimize the thermal dissipation, in which case,
the ISL6292 combines the benefits of both a linear charger
and a pulse charger.
The ISL6292 features charge current thermal foldback to
guarantee safe operation when the printed circuit board is
space limited for thermal dissipation. Additional features
include preconditioning of an over-discharged battery, an
NTC thermistor interface for charging the battery in a safe
temperature range, automatic recharge, and thermally
enhanced QFN or DFN packages.
Features
• Complete Charger for Single-Cell Li-ion Batteries
• Very Low Thermal Dissipation
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• 1% Voltage Accuracy
• Programmable Current Limit up to 2A
• Programmable End-of-Charge Current
• Charge Current Thermal Foldback
• NTC Thermistor Interface for Battery Temperature Monitor
• Accepts Multiple Types of Adapters or USB BUS Power
• Guaranteed to Operate at 2.65V After Start-Up
• Ambient Temperature Range: -20°C to +70°C
• Thermally-Enhanced QFN Packages
• Handheld Devices, including Medical Handhelds
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Self-Charging Battery Packs
• Stand-Alone Chargers
• USB Bus-Powered Chargers
• Pb-Free Available (RoHS Compliant)
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB379 “Thermal Characterization of
Packaged Semiconductor Devices”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Pinouts
ISL6292
(16 LD QFN)
TOP VIEW
ISL6292
(10 LD DFN)
TOP VIEW
1
3
4
15
VIN
FAULT
STATUS
TIME
16
14 13
2
12
10
9
11
6
57
8
VBAT
TEMP
IMIN
IREF
VIN
FAULT
STATUS
TIME
GND
VBAT
TEMP
IREF
V2P8
EN
2
3
4
1
5
9
8
7
10
6
Data Sheet
December 17, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6292-1CR4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292-1CR4 INTERSIL-ISL6292-1CR4 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4 INTERSIL-ISL6292-1CR4 Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4 INTERSIL-ISL6292-1CR4 Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292-1CR4 RENESAS-ISL6292-1CR4 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292-1CR4-T INTERSIL-ISL6292-1CR4-T Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292-1CR4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com