Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6298-2CR4Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6298-2CR4Z
Description  Li-ion/Li-Polymer Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6298-2CR4Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6298-2CR4Z Datasheet HTML 1Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 2Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 3Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 4Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 5Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 6Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 7Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 8Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN9173.4
March 9, 2006
FIGURE 7. V2P8 OUTPUT vs INPUT VOLTAGE
FIGURE 8. V2P8 OUTPUT vs ITS LOAD CURRENT
FIGURE 9. rDS(ON) vs TEMPERATURE AT 3.7V OUTPUT
FIGURE 10. rDS(ON) vs OUTPUT VOLTAGE USING CURRENT
LIMITED ADAPTERS
FIGURE 11. REVERSE CURRENT vs TEMPERATURE
FIGURE 12. INPUT QUIESCENT CURRENT vs TEMPERATURE
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = 25°C,
RIREF = RIMIN = 80kΩ, VBAT = 3.7V, Unless Otherwise Noted (Continued)
2.900
2.905
2.910
2.915
2.920
3.544.5
5
5.566.5
INPUT VOLTAGE (V)
LOAD CURRENT = 2 mA
2.70
2.75
2.80
2.85
2.90
2.95
3.00
02
46
8
10
LOAD CURRENT (mA)
400
500
600
700
800
900
1000
0
20406080
100
120
TEMPERATURE (OC)
MEASURED WITH THE 3X3
DFN PACKAGE
450
490
530
570
610
650
690
730
770
3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1
BATTERY VOLTAGE (V)
3X3 PACKAGE
4X4 PACKAGE
MEASURED AT 250mA
RIREF = 50kΩ
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
204060
80
100
TEMPERATURE (OC)
0
5
10
15
20
25
30
35
40
45
50
020
40
60
80
100
TEMPERATURE (OC)
EN PIN GROUNDED
ISL6298


Similar Part No. - ISL6298-2CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6298-2CR4Z INTERSIL-ISL6298-2CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
ISL6298-2CR4Z INTERSIL-ISL6298-2CR4Z Datasheet
451Kb / 17P
   Li-ion/Li-Polymer Battery Charger
logo
Renesas Technology Corp
ISL6298-2CR4Z RENESAS-ISL6298-2CR4Z Datasheet
776Kb / 17P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298-2CR4Z-T INTERSIL-ISL6298-2CR4Z-T Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
ISL6298-2CR4Z-T INTERSIL-ISL6298-2CR4Z-T Datasheet
451Kb / 17P
   Li-ion/Li-Polymer Battery Charger
More results

Similar Description - ISL6298-2CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com