Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6298-2CR4Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6298-2CR4Z
Description  Li-ion/Li-Polymer Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6298-2CR4Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6298-2CR4Z Datasheet HTML 7Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 8Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 9Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 10Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 11Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 12Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 13Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 14Page - Intersil Corporation ISL6298-2CR4Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN9173.4
March 9, 2006
the charger stays in the trickle mode is 15 cycles. Usually for
a recharge cycle, the trickle charge time is 15 cycles (t6 to t7
in Figure 20). If the battery voltage falls below the trickle
charge threshold during the 15 cycles, the 15-cycle counter
is reset (not the total-trickle-charge-time counter) and the
charger remains in the trickle mode.
Disabling TIMEOUT Limit
The TOEN pin allows the user to disable the fast charge
TIMEOUT limit by pulling the TOEN pin to LOW or shorting it
to GND. When this happens, the charger never terminates.
The STATUS pin still issues the EOC indication when the
EOC condition is reached. The EOC indication is latched
and does not change until a new charge cycle starts,
initiated by the events listed in Table 1. Leaving the TOEN
pin floating is recommended to enable the TIMEOUT. Driving
the TOEN pin above 3.0V is not recommended. The trickle
charge time limit can never be disabled. For the 3x3 DFN
package option, the TOEN pin is left floating internally and,
therefore, the TIMEOUT cannot be disabled.
CC Mode Current Programming
The charge current is programmed by the IREF pin. There
are three ways to program the charge current:
1. driving the IREF pin above 1.3V
2. driving the IREF pin below 0.4V,
3. or using the RIREF as shown in the Typical Applications.
The voltage of IREF is regulated to a 0.8V reference voltage
when not driven by any external source. The charging
current during the CC mode is 25,000 times that of the
current in the RIREF resistor. Hence, depending on how the
IREF pin is used, the charge current is,
The internal reference voltage at the IREF pin is capable of
sourcing less than 100
µA current. When pulling down the
IREF pin with a logic circuit, the logic circuit needs to be able
to sink at least 100
µA current.
The actual charge current may be affected by the thermal
foldback function. See the Thermal Foldback section for
more details.
Trickle Mode Current
The charge current in the trickle mode is 20% of the
programmed CC mode charge current, that is:
where ICHARGE is the charge current given in EQ. 3.
End-of-Charge (EOC) Current
The EOC current IEOC sets the level at which the charger
starts to indicate the end of the charge with the STATUS pin,
as shown in Figure 20. The IEOC is set in two ways:
1. By connecting a resistor between the IMIN pin and
ground,
2. Or by connecting the IMIN pin to the V2P8 pin.
When programming with the resistor, the IEOC is set in the
equation below:
where RIMIN is the resistor connected between the IMIN pin
and the ground, as shown in the Typical Application Circuit.
When connected to the V2P8 pin, the IEOC is set to 1/10 of
ICHARGE given in EQ. 3, except when the IREF pin is
shorted to GND. Under this exception, IEOC is 5mA. For the
ISL6298 in the 3x3 DFN package, the IMIN pin is connected
internally to the V2P8 pin.
EOC Conditions
The EOC indication is asserted when the following
conditions are satisfied simultaneously:
1. The battery voltage is above the recharge threshold, and
2. The charge current is lower than the EOC current.
The two conditions can prevent prematurely indicating EOC
due to thermal foldback or other transient events.
Recharge
After a charge cycle is completed, charging is prohibited until
the battery voltage drops to a recharge threshold, VRECHRG
(see Electrical Specifications). Then a new charge cycle
starts at point t6 and ends at point t8, as shown in Figure 20.
The safety timer is reset at t6.
2.8V Voltage Regulator
The V2P8 pin is the output of an internal 2.8V linear regulator.
The 2.8V is the voltage supply for the internal control circuit
and can also be used by external circuits, such as the NTC
thermistor circuit. The external load is not recommended to
exceed 2mA. The V2P8 pin is recommended to be decoupled
with a 1
µF ceramic capacitor.
NTC Thermistor Interface
The TEMP pin offers an interface to an external NTC
thermistor. This pin has two functions: to monitor the battery
ambient temperature or to monitor the insertion of the battery.
The ISL6298 assumes that the NTC thermistor is inside the
battery pack. The battery and the NTC thermistor are inserted
or removed together. Removing the NTC thermistor disables
the charger.
Figure 21 shows the implementation of the TEMP pin. The
comparator CP1 monitors the existence of the NTC thermistor.
When the thermistor is removed, the TEMP pin voltage is
ICHARGE
255mA
0.8V
RIREF
----------------- 25000
×
A
()
100mA
=
VIREF 1.3V
>
RIREF
VIREF 0.4V
<
(EQ. 3)
ITRICKLE
0.2 ICHARGE
=
(EQ. 4)
IEOC
2500
VREF
RIMIN
----------------
2500
0.8V
RIMIN
---------------- A
()
=
=
(EQ. 5)
ISL6298


Similar Part No. - ISL6298-2CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6298-2CR4Z INTERSIL-ISL6298-2CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
ISL6298-2CR4Z INTERSIL-ISL6298-2CR4Z Datasheet
451Kb / 17P
   Li-ion/Li-Polymer Battery Charger
logo
Renesas Technology Corp
ISL6298-2CR4Z RENESAS-ISL6298-2CR4Z Datasheet
776Kb / 17P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298-2CR4Z-T INTERSIL-ISL6298-2CR4Z-T Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
ISL6298-2CR4Z-T INTERSIL-ISL6298-2CR4Z-T Datasheet
451Kb / 17P
   Li-ion/Li-Polymer Battery Charger
More results

Similar Description - ISL6298-2CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com