Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6314CRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6314CRZ
Description  Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6314CRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6314CRZ Datasheet HTML 6Page - Intersil Corporation ISL6314CRZ Datasheet HTML 7Page - Intersil Corporation ISL6314CRZ Datasheet HTML 8Page - Intersil Corporation ISL6314CRZ Datasheet HTML 9Page - Intersil Corporation ISL6314CRZ Datasheet HTML 10Page - Intersil Corporation ISL6314CRZ Datasheet HTML 11Page - Intersil Corporation ISL6314CRZ Datasheet HTML 12Page - Intersil Corporation ISL6314CRZ Datasheet HTML 13Page - Intersil Corporation ISL6314CRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
FN6455.2
October 8, 2009
PHASE (Pin 24)
Connect this pin to the source of the upper MOSFET. This
pin is the return path for the upper MOSFET drive.
LGATE (Pin 21)
This pin is used to control the lower MOSFET. Connect this
pin to the lower MOSFET gate.
SS (Pin 2)
A resistor, RSS, placed from SS to VCC or GND will set the
soft-start ramp slope. Refer to Equations 16 and 17 for
proper resistor calculation.
The state of the SS pin also selects which of the available DAC
tables will be used to decode the VID inputs and puts the
controller into the corresponding mode of operation. For Intel
VR11 mode of operation the RSS resistor should be tied to
GND. AMD compliance is selected if the RSS resistor is tied to
VCC (once in AMD mode, the VID7 bit selects 5-bit DAC if set
to a logic high, or 6-bit DAC if set to a logic low).
PGOOD (Pin 1)
For Intel mode of operation, PGOOD indicates whether VSEN
is within specified overvoltage and undervoltage limits after a
fixed delay from the end of soft-start. If VSEN exceeds these
limits, or if an overcurrent event occurs, or if the part is
disabled, PGOOD is pulled low. PGOOD is always low prior to
the end of soft-start.
For AMD modes of operation, PGOOD will always be high as
long as VSEN is within the specified undervoltage/overvoltage
window and soft-start has ended. PGOOD only goes low if
VSEN is outside this window.
ISENO, ISEN-, and ISEN+ (Pins 14, 15, 16)
ISEN-, ISEN+, and ISENO are the DCR current sense
amplifier’s negative input, positive input, and output
respectively. For accurate DCR current sensing, connect a
resistor from the phase node to ISEN- and connect ISEN+ to
the output inductor, roughly VOUT. A parallel R-C feedback
circuit connected between ISEN- and ISENO will then create
a voltage from ISEN+ to ISENO proportional to the voltage
drop across the inductor DCR. This voltage is referred to as
the droop voltage and is added to the differential
remote-sense amplifier’s output.
An optional 0.001µF to 0.01µF ceramic capacitor can be
placed from the ISEN+ pin to the ISEN- pin to help reduce
common mode noise that might be introduced by the layout.
VDIFF (Pin 10)
VDIFF is the output of the differential remote-sense amplifier.
The voltage on this pin is equal to the difference between
VSEN and RGND (VOUT) added to the difference between
ISEN+ and ISENO (droop). VDIFF therefore represents the
VOUT voltage plus the droop voltage. The state of the FS pin
determines whether the droop voltage is added or not.
Operation
Power Conversion
The ISL6314 controller helps simplify implementation by
integrating vital functions and requiring minimal external
components. The “Block Diagram” on page 3 provides a top
level view of the single-phase power conversion using the
ISL6314 controller.
Output Ripple
Figure 1 illustrates the output ripple. The PWM current forms
the AC ripple current and the DC load current. The
peak-to-peak current about 7A, and the DC components of
the inductor current feeds the load.
To understand the ripple current amplitude, examine
Equation 1 representing a single channel peak-to-peak
inductor current.
In Equation 1, VIN and VOUT are the input and output
voltages respectively, L is the single-channel inductor value,
and fS is the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. Output voltage ripple is a function of
capacitance, capacitor equivalent series resistance (ESR),
and inductor ripple current. Reducing the inductor ripple
current allows the designer to use fewer or less costly output
capacitors. Equation 2 shows the approximation for the
output voltage ripple.
Adaptive Phase Alignment (APA)
To improve the transient response, the ISL6314 implements
Intersil’s proprietary Adaptive Phase Alignment (APA)
technique, which turns on the channel during large current
step transient events.
FIGURE 1. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 1-PHASE CONVERTER
1µs/DIV
PWM, 5V/DIV
IL, 7A/DIV
(EQ. 1)
I
P-P
V
IN
V
OUT
() V
OUT
Lf
S
V
IN
----------------------------------------------------------
=
(EQ. 2)
V
P-P
I
P-P
ESR
=
ISL6314
ISL6314


Similar Part No. - ISL6314CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6314CRZ RENESAS-ISL6314CRZ Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results

Similar Description - ISL6314CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com