Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC240 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC240
Description  OCTAL BUFFERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC240 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC240_15 Datasheet HTML 1Page - Unisonic Technologies U74HC240_15 Datasheet HTML 2Page - Unisonic Technologies U74HC240_15 Datasheet HTML 3Page - Unisonic Technologies U74HC240_15 Datasheet HTML 4Page - Unisonic Technologies U74HC240_15 Datasheet HTML 5Page - Unisonic Technologies U74HC240_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC240
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-498.B
OCTAL BUFFERS AND LINE
DRIVERS WITH 3-STATE OUTPUTS
DESCRIPTION
The U74HC240 is a octal buffer and line driver with 3-state
outputs. It is organized as two 4-bit buffers/drivers with separate
output-enable ( OE ) inputs. When OE is high, the Y outputs are in
a high-impedance state and the outputs neither load nor drive the
bus lines. When OE is low, the device passes inverted data from
the A inputs to the Y outputs.
The U74HC240 is designed to improve the performance and
density of 3-state memory address drivers, clock drivers and
bus-oriented receivers and transmitters.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; and the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Wide supply voltage range from 2V to 6V
* Max tpd of 9 ns from A to Y at 6V
* Low power consumption, ICC = 8 μA (Max.) at 6V
* ±6 mA output driver at 5V
* Low Input Current of 1 μA Max
TSSOP-20
ORDERING INFORMATION
Ordering Number
Package
Packing
U74HC240G-P20-R
TSSOP-20
Tape Reel
MARKING


Similar Part No. - U74HC240_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
More results

Similar Description - U74HC240_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
logo
Maxwell Technologies
54BCT245 MAXWELL-54BCT245 Datasheet
145Kb / 9P
   Octal Buffers Transceiver
logo
Texas Instruments
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
SN54AHC540 TI1-SN54AHC540_15 Datasheet
1Mb / 27P
[Old version datasheet]   Octal Buffers/Drivers
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Motorola, Inc
SN74LS796N MOTOROLA-SN74LS796N Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
logo
NXP Semiconductors
74F244 PHILIPS-74F244 Datasheet
94Kb / 12P
   Octal buffers 3-State
1994 Dec 05
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com