Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HCT00L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT00L-S14-R
Description  QUADRUPLE 2-INPUT NAND GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT00L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT00L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HCT00L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HCT00L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HCT00L-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
U74HCT00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-175.A
TEST CIRCUIT AND WAVEFORMS
Note: CL includes probe and jig capacitance.
Output
Input
1.3V
tPHL
tPLH
1.3V
1.3V
1.3V
tf
tr
90%
10%
10%
90%
Output
1.3V
1.3V
tr
tf
90%
10%
10%
90%
tPLH
tPHL
3V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74HCT00L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT00L-S14-R UTC-U74HCT00L-S14-R Datasheet
118Kb / 4P
   QUADRUPLE 2-INPUT NAND GATE
More results

Similar Description - U74HCT00L-S14-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14011B HITACHI-HD14011B Datasheet
61Kb / 6P
   Quadruple 2-input NAND Gate
logo
Unisonic Technologies
U74LV00 UTC-U74LV00 Datasheet
196Kb / 5P
   QUADRUPLE 2-INPUT NAND GATE
logo
NXP Semiconductors
HEF4011UB PHILIPS-HEF4011UB Datasheet
134Kb / 8P
   Quadruple 2-input NAND gate
January 1995
logo
Unisonic Technologies
U74HCT00 UTC-U74HCT00 Datasheet
118Kb / 4P
   QUADRUPLE 2-INPUT NAND GATE
logo
NXP Semiconductors
HEF4011B PHILIPS-HEF4011B Datasheet
25Kb / 3P
   Quadruple 2-input NAND gate
January 1995
logo
Texas Instruments
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com