Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2109 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2109 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2109_15 Datasheet HTML 5Page - NXP Semiconductors LPC2109_15 Datasheet HTML 6Page - NXP Semiconductors LPC2109_15 Datasheet HTML 7Page - NXP Semiconductors LPC2109_15 Datasheet HTML 8Page - NXP Semiconductors LPC2109_15 Datasheet HTML 9Page - NXP Semiconductors LPC2109_15 Datasheet HTML 10Page - NXP Semiconductors LPC2109_15 Datasheet HTML 11Page - NXP Semiconductors LPC2109_15 Datasheet HTML 12Page - NXP Semiconductors LPC2109_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
LPC2109_2119_2129
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2011
9 of 46
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
[1]
SSP interface available on LPC2109/01, LPC2119/01, and LPC2129/01 only.
VDDA(1V8)
63
I
Analog 1.8 V core power supply; this is the power supply voltage for internal
circuitry. This should be nominally the same voltage as VDD(1V8) but should be
isolated to minimize noise and error.
VDD(3V3)
23, 43, 51
I
3.3 V pad power supply; this is the power supply voltage for the I/O ports.
VDDA(3V3)
7
I
Analog 3.3 V pad power supply; this should be nominally the same voltage as
VDD(3V3) but should be isolated to minimize noise and error.
Table 3.
Pin description …continued
Symbol
Pin
Type Description


Similar Part No. - LPC2109_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
More results

Similar Description - LPC2109_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2109 NXP-LPC2109 Datasheet
194Kb / 44P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2119 PHILIPS-LPC2119 Datasheet
163Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 03-22 December 2004
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114 Datasheet
182Kb / 40P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 06-10 December 2007
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2194 PHILIPS-LPC2194 Datasheet
158Kb / 33P
   Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 01-06 February 2004
LPC2131 PHILIPS-LPC2131_15 Datasheet
402Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com