Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2290 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2290 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2290_15 Datasheet HTML 5Page - NXP Semiconductors LPC2290_15 Datasheet HTML 6Page - NXP Semiconductors LPC2290_15 Datasheet HTML 7Page - NXP Semiconductors LPC2290_15 Datasheet HTML 8Page - NXP Semiconductors LPC2290_15 Datasheet HTML 9Page - NXP Semiconductors LPC2290_15 Datasheet HTML 10Page - NXP Semiconductors LPC2290_15 Datasheet HTML 11Page - NXP Semiconductors LPC2290_15 Datasheet HTML 12Page - NXP Semiconductors LPC2290_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
LPC2290_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 16 November 2006
9 of 41
NXP Semiconductors
LPC2290
16/32-bit ARM microcontroller with external memory interface
P1.31/TRST
43[5]
I/O
P1.31 — General purpose digital input/output pin.
I
TRST — Test Reset for JTAG interface.
P2.0 to P2.31
I/O
Port 2 — Port 2 is a 32-bit bidirectional I/O port with individual direction
controls for each bit. The operation of port 2 pins depends upon the pin
function selected via the Pin Connect Block.
P2.0/D0
98[5]
I/O
P2.0 — General purpose digital input/output pin.
I/O
D0 — External memory data line 0.
P2.1/D1
105[5]
I/O
P2.1 — General purpose digital input/output pin.
I/O
D1 — External memory data line 1.
P2.2/D2
106[5]
I/O
P2.2 — General purpose digital input/output pin.
I/O
D2 — External memory data line 2.
P2.3/D3
108[5]
I/O
P2.3 — General purpose digital input/output pin.
I/O
D3 — External memory data line 3.
P2.4/D4
109[5]
I/O
P2.4 — General purpose digital input/output pin.
I/O
D4 — External memory data line 4.
P2.5/D5
114[5]
I/O
P2.5 — General purpose digital input/output pin.
I/O
D5 — External memory data line 5.
P2.6/D6
115[5]
I/O
P2.6 — General purpose digital input/output pin.
I/O
D6 — External memory data line 6.
P2.7/D7
116[5]
I/O
P2.7 — General purpose digital input/output pin.
I/O
D7 — External memory data line 7.
P2.8/D8
117[5]
I/O
P2.8 — General purpose digital input/output pin.
I/O
D8 — External memory data line 8.
P2.9/D9
118[5]
I/O
P2.9 — General purpose digital input/output pin.
I/O
D9 — External memory data line 9.
P2.10/D10
120[5]
I/O
P2.10 — General purpose digital input/output pin.
I/O
D10 — External memory data line 10.
P2.11/D11
124[5]
I/O
P2.11 — General purpose digital input/output pin.
I/O
D11 — External memory data line 11.
P2.12/D12
125[5]
I/O
P2.12 — General purpose digital input/output pin.
I/O
D12 — External memory data line 12.
P2.13/D13
127[5]
I/O
P2.13 — General purpose digital input/output pin.
I/O
D13 — External memory data line 13.
P2.14/D14
129[5]
I/O
P2.14 — General purpose digital input/output pin.
I/O
D14 — External memory data line 14.
P2.15/D15
130[5]
I/O
P2.15 — General purpose digital input/output pin.
I/O
D15 — External memory data line 15.
P2.16/D16
131[5]
I/O
P2.16 — General purpose digital input/output pin.
I/O
D16 — External memory data line 16.
P2.17/D17
132[5]
I/O
P2.17 — General purpose digital input/output pin.
I/O
D17 — External memory data line 17.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description


Similar Part No. - LPC2290_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2290FBD144 PHILIPS-LPC2290FBD144 Datasheet
185Kb / 41P
   16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2290FBD144 NXP-LPC2290FBD144 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2290FBD144/01 NXP-LPC2290FBD144/01 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
More results

Similar Description - LPC2290_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
   16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
   16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2220 PHILIPS-LPC2220 Datasheet
255Kb / 49P
   16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2210 NXP-LPC2210 Datasheet
253Kb / 49P
   16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
Rev. 04-2 October 2007
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2292 PHILIPS-LPC2292_15 Datasheet
456Kb / 54P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 8-8 June 2011
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com