Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2468 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2468
Description  Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2468 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2468_15 Datasheet HTML 1Page - NXP Semiconductors LPC2468_15 Datasheet HTML 2Page - NXP Semiconductors LPC2468_15 Datasheet HTML 3Page - NXP Semiconductors LPC2468_15 Datasheet HTML 4Page - NXP Semiconductors LPC2468_15 Datasheet HTML 5Page - NXP Semiconductors LPC2468_15 Datasheet HTML 6Page - NXP Semiconductors LPC2468_15 Datasheet HTML 7Page - NXP Semiconductors LPC2468_15 Datasheet HTML 8Page - NXP Semiconductors LPC2468_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
1.
General description
NXP Semiconductors designed the LPC2468 microcontroller around a 16-bit/32-bit
ARM7TDMI-S CPU core with real-time debug interfaces that include both JTAG and
embedded trace. The LPC2468 has 512 kB of on-chip high-speed flash memory. This
flash memory includes a special 128-bit wide memory interface and accelerator
architecture that enables the CPU to execute sequential instructions from flash memory at
the maximum 72 MHz system clock rate. This feature is available only on the LPC2000
ARM microcontroller family of products. The LPC2468 can execute both 32-bit ARM and
16-bit Thumb instructions. Support for the two instruction sets means engineers can
choose to optimize their application for either performance or code size at the sub-routine
level. When the core executes instructions in Thumb state it can reduce code size by
more than 30 % with only a small loss in performance while executing instructions in ARM
state maximizes core performance.
The LPC2468 microcontroller is ideal for multi-purpose communication applications. It
incorporates a 10/100 Ethernet Media Access Controller (MAC), a USB full-speed
Device/Host/OTG Controller with 4 kB of endpoint RAM, four UARTs, two Controller Area
Network (CAN) channels, an SPI interface, two Synchronous Serial Ports (SSP), three I2C
interfaces, and an I2S interface. Supporting this collection of serial communications
interfaces are the following feature components; an on-chip 4 MHz internal precision
oscillator, 98 kB of total RAM consisting of 64 kB of local SRAM, 16 kB SRAM for
Ethernet, 16 kB SRAM for general purpose DMA, 2 kB of battery powered SRAM, and an
External Memory Controller (EMC). These features make this device optimally suited for
communication gateways and protocol converters. Complementing the many serial
communication controllers, versatile clocking capabilities, and memory features are
various 32-bit timers, an improved 10-bit ADC, 10-bit DAC, two PWM units, four external
interrupt pins, and up to 160 fast GPIO lines. The LPC2468 connects 64 of the GPIO pins
to the hardware based Vector Interrupt Controller (VIC) that means these external inputs
can generate edge-triggered interrupts. All of these features make the LPC2468
particularly suitable for industrial control and medical systems.
2.
Features and benefits
ARM7TDMI-S processor, running at up to 72 MHz.
512 kB on-chip flash program memory with In-System Programming (ISP) and
In-Application Programming (IAP) capabilities. Flash program memory is on the ARM
local bus for high performance CPU access.
98 kB on-chip SRAM includes:
64 kB of SRAM on the ARM local bus for high performance CPU access.
16 kB SRAM for Ethernet interface. Can also be used as general purpose SRAM.
LPC2468
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN,
ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.2 — 11 January 2013
Product data sheet


Similar Part No. - LPC2468_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2468 NXP-LPC2468_11 Datasheet
729Kb / 85P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-6 September 2011
More results

Similar Description - LPC2468_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2458 NXP-LPC2458_11 Datasheet
652Kb / 80P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 4-1 September 2011
LPC2468 NXP-LPC2468_11 Datasheet
729Kb / 85P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-6 September 2011
LPC2468 NXP-LPC2468 Datasheet
1Mb / 67P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev.01.01 26September2007
LPC2458 NXP-LPC2458_V01 Datasheet
2Mb / 81P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 4.2-15 October 2020
LPC2468 NXP-LPC2468_08 Datasheet
1Mb / 72P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-17 October 2008
LPC2458 NXP-LPC2458 Datasheet
313Kb / 67P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-25 November 2008
LPC2460 PHILIPS-LPC2460_08 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2478 NXP-LPC2478 Datasheet
2Mb / 76P
   Single-chip 16-bit/32-bit micro; 512 kB flash, ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 01 - 6 July 2007
LPC2478 NXP-LPC2478_08 Datasheet
443Kb / 78P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 01-11 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com