Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5240B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMSZ5240B
Description  500 mW Zener Diodes 2.4 to 39 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ5240B Datasheet(HTML) 1 Page - Micro Commercial Components

  MMSZ5240B Datasheet HTML 1Page - Micro Commercial Components MMSZ5240B Datasheet HTML 2Page - Micro Commercial Components MMSZ5240B Datasheet HTML 3Page - Micro Commercial Components MMSZ5240B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l
Planar Die construction
l
500mW Power Dissipation
l
Zener Voltages from 2.4V - 39V
l
Ideally Suited for Automated Assembly Processes
Mechanical Data
l
Case: SOD-123, Molded Plastic
l
Terminals: Solderable per MIL-STD-202, Method 208
l
Approx. Weight: 0.008 grams
l
Mounting Position: Any
l
Storage & Operating Temperature: -55
oC to +150oC
Maximum Ratings @ 25oC Unless Otherwise Specified
Zener Current
IF
100
mA
Maximum Forward
Voltage
VF
1.2
V
Power Dissipation
(No te s A)
P(AV)
500
mWatt
Pe ak Forward S urge
IFSM
4.0
Amps
NOTES:
MMSZ5221B
THRU
MMSZ5259B
500 mW
Zener Diodes
2.4 to 39 Volts
MCC
www.mccsemi.com
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent
Current (Not e s B)
square wave, duty cycle = 4 pulses per minute maximum.
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.141
.154
3.60
3.90
B
.098
.110
2.50
2.80
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.019
.028
0.50
0.70
F
---
.008
---
0.20
G
.016
---
0.40
---
1.50”
2.0"
1.50”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
H
D
F
G
SOD123
DIMENSIONS
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
H
---
.005
---
0.12
MAX


Similar Part No. - MMSZ5240B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5240B PANJIT-MMSZ5240B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5240B CHENDA-MMSZ5240B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
MMSZ5240B BILIN-MMSZ5240B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5240B DIOTEC-MMSZ5240B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5240B TSC-MMSZ5240B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5240B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
   410 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com