Electronic Components Datasheet Search |
|
MAX6381XS19D2-T Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX6381XS19D2-T Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 11 page SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits _______________________________________________________________________________________ 5 Pin Description PIN MAX6381/ MAX6383 MAX6382 MAX6384/ MAX6386/ MAX6390 MAX6385 MAX6387/ MAX6389 MAX6388 NAME FUNCTION 1 1 1 1 1 1 GND Ground — 2 — 2 — 2 RESET Active-High Push-Pull Reset Output. RESET changes from low to high when any monitored voltage (VCC or VRESETIN) drops below the reset threshold or MR is pulled low. RESET remains high for the reset timeout period after monitored voltages exceed the reset thresholds or MR is released. 2 — 2 — 2 — RESET Active-Low Open-Drain/Push-Pull Reset Output. RESET changes from high to low when any monitored voltage (VCC or VRESETIN) drops below the reset threshold or MR is pulled low. RESET remains low for the reset timeout period after the monitored voltages exceed the reset thresholds or MR is released. Open-drain requires an external pullup resistor. —— 33 —— MR Active-Low Manual Reset Input. Drive low to force a reset. Reset remains active as long as MR is low and for the reset timeout period after MR is released. Leave unconnected or connect to VCC if unused. MR has an internal 63k Ω (1.35kΩ for MAX6390) pullup resistor to VCC. —— — — 33 RESET IN Auxiliary Reset Input. High-impedance input to the auxiliary reset comparator. Connect RESET IN to the center point of an external resistor voltage-divider network to set the reset threshold voltage. Reset asserts when either VCC or RESET IN falls below its threshold voltage. 33 4 4 44 VCC Supply Voltage for the device and input for fixed VCC reset threshold monitor. |
Similar Part No. - MAX6381XS19D2-T |
|
Similar Description - MAX6381XS19D2-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |