Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD4014B Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UCD4014B
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4014B Datasheet(HTML) 6 Page - Unisonic Technologies

  UCD4014B_15 Datasheet HTML 1Page - Unisonic Technologies UCD4014B_15 Datasheet HTML 2Page - Unisonic Technologies UCD4014B_15 Datasheet HTML 3Page - Unisonic Technologies UCD4014B_15 Datasheet HTML 4Page - Unisonic Technologies UCD4014B_15 Datasheet HTML 5Page - Unisonic Technologies UCD4014B_15 Datasheet HTML 6Page - Unisonic Technologies UCD4014B_15 Datasheet HTML 7Page - Unisonic Technologies UCD4014B_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UCD4014B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-606.c
TEST CIRCUITS AND WAVEFORMS
Test
S1
tPLH/tPHL
GND
Inputs
VM
VLOAD
CL
RL
VIN
tr, tf
VCC
20 ns
VCC/2
VCC
50 pF
200 KΩ
VCC
0V
Input
10%
90%
tR
10%
90%
tF
Fig 2.
Voltage Waveforms Input Rise and Fall Times
VM
VIN
0V
VOH
VOL
Fig 3. Voltage Waveforms Propagation Delay and Output Transition Times
Input
Output
tPLH
tPHL
tPLH
tPHL
Output
10%
90%
10%
90%
10%
90%
tF
10%
90%
tR
VOH
VOL
VM
VM
VM
tR
tF
VM
VM
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤1MHz, ZO = 50Ω.


Similar Part No. - UCD4014B_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4014BG-P16-R UTC-UCD4014BG-P16-R Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014BG-P16-T UTC-UCD4014BG-P16-T Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014BG-S16-R UTC-UCD4014BG-S16-R Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014BG-S16-T UTC-UCD4014BG-S16-T Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014BL-P16-R UTC-UCD4014BL-P16-R Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
More results

Similar Description - UCD4014B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
logo
Unisonic Technologies
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
   8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021BEE4 TI-CD4021BEE4 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS 8-Stage Statice Shift Registers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com