Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR405 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MUR405
Description  4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MUR405 Datasheet(HTML) 2 Page - Micro Commercial Components

  MUR405 Datasheet HTML 1Page - Micro Commercial Components MUR405 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR405 thru MUR4100
MCC
www.mccsemi.com
1
100
4
0
25
50
75
8
Figure 3
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
100
150
200
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
1.4


Similar Part No. - MUR405

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR405 JGD-MUR405 Datasheet
143Kb / 2P
   4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR405 MCC-MUR405 Datasheet
318Kb / 3P
   4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
logo
Kersemi Electronic Co.,...
MUR405 KERSEMI-MUR405 Datasheet
426Kb / 7P
   Power Rectifiers
logo
SUNMATE electronic Co.,...
MUR405 SUNMATE-MUR405 Datasheet
381Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
ON Semiconductor
MUR405 ONSEMI-MUR405 Datasheet
67Kb / 7P
   SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
More results

Similar Description - MUR405

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MUR405-DO27 YFWDIODE-MUR405-DO27 Datasheet
294Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts    
MUR405 YFWDIODE-MUR405 Datasheet
70Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MUR405 PFS-MUR405 Datasheet
166Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR105 MCC-MUR105_13 Datasheet
369Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_11 Datasheet
338Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MUR105 PFS-MUR105 Datasheet
215Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR105 MCC-MUR105 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
   0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR105-DO41 YFWDIODE-MUR105-DO41 Datasheet
382Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR405 MCC-MUR405_11 Datasheet
431Kb / 3P
   4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com