Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT3216SEC-J4-PRV Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APT3216SEC-J4-PRV
Description  Low power consumption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT3216SEC-J4-PRV Datasheet(HTML) 3 Page - Kingbright Corporation

  APT3216SEC-J4-PRV Datasheet HTML 1Page - Kingbright Corporation APT3216SEC-J4-PRV Datasheet HTML 2Page - Kingbright Corporation APT3216SEC-J4-PRV Datasheet HTML 3Page - Kingbright Corporation APT3216SEC-J4-PRV Datasheet HTML 4Page - Kingbright Corporation APT3216SEC-J4-PRV Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAL4048
REV NO: V.2A
DATE: MAR/24/2015
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1203012240
Super Bright Orange
APT3216SEC/J4-PRV


Similar Part No. - APT3216SEC-J4-PRV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT3216SEC KINGBRIGHT-APT3216SEC Datasheet
205Kb / 1P
   SUPER THIN SMD CHIP LED 3216(1206)
APT3216SEC KINGBRIGHT-APT3216SEC Datasheet
112Kb / 4P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216SECK KINGBRIGHT-APT3216SECK Datasheet
205Kb / 1P
   SUPER THIN SMD CHIP LED 3216(1206)
APT3216SECK KINGBRIGHT-APT3216SECK Datasheet
274Kb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APT3216SECK TO-GRACE-APT3216SECK Datasheet
796Kb / 4P
   3.2 mm x 1.6 mm SMD Chip LED Lamp
More results

Similar Description - APT3216SEC-J4-PRV

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com