Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTB1612CGKQWDF-AMT Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APTB1612CGKQWDF-AMT
Description  Ideal for backlight and indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTB1612CGKQWDF-AMT Datasheet(HTML) 3 Page - Kingbright Corporation

  APTB1612CGKQWDF-AMT Datasheet HTML 1Page - Kingbright Corporation APTB1612CGKQWDF-AMT Datasheet HTML 2Page - Kingbright Corporation APTB1612CGKQWDF-AMT Datasheet HTML 3Page - Kingbright Corporation APTB1612CGKQWDF-AMT Datasheet HTML 4Page - Kingbright Corporation APTB1612CGKQWDF-AMT Datasheet HTML 5Page - Kingbright Corporation APTB1612CGKQWDF-AMT Datasheet HTML 6Page - Kingbright Corporation APTB1612CGKQWDF-AMT Datasheet HTML 7Page - Kingbright Corporation APTB1612CGKQWDF-AMT Datasheet HTML 8Page - Kingbright Corporation APTB1612CGKQWDF-AMT Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPEC NO: DSAL3635
REV NO: V.3B
DATE: SEP/01/2015
PAGE: 3 OF 9
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1203012071
Electrical / Optical Characteristics at TA=25°C (Green)
Parameter
Symbol
Value
Unit
Code.
Min.
Typ.
Max.
Wavelength at peak emission
IF=20mA
λ peak
574
nm
Dominant Wavelength IF=20mA
λ dom [1]
nm
5
567
569
6
569
571
7
571
573
Spectral bandwidth at 50%
Φ REL MAX IF=20mA
Δλ
20
nm
Forward Voltage IF=20mA
VF [2]
2.1
2.5
V
Reverse Current (VR = 5V)
IR
10
uA
Temperature coefficient of
λ peak
IF=20mA, -10
° C≤ T≤100 ° C
TC λ peak
0.12
nm/
° C
Temperature coefficient of
λ dom
IF=20mA, -10
° C≤ T≤100 ° C
TC λ dom
0.08
nm/
° C
Temperature coefficient of VF
IF=20mA, -10
° C≤ T≤100 ° C
TCV
-1.8
mV/
° C
Notes:
1.The dominant Wavelength (
λ d) above is the setup value of the sorting machine.
(Tolerance
λ d : ±1nm. )
2.Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to the CIE127-2007 compliant national standards.
4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Electrical / Optical Characteristics at TA=25°C (White)
Parameter
Symbol
Value
Unit
Chromaticity coordinate x acc.to CIE1931
IF=20mA
[Typ.]
x [1]
0.31
Chromaticity coordinate y acc.to CIE1931
IF=20mA
[Typ.]
y [1]
0.31
Forward Voltage IF=20mA [Min.]
VF [2]
-
V
Forward Voltage IF=20mA [Typ.]
3.3
Forward Voltage IF=20mA [Max.]
4.0
Temperature coefficient of VF
IF=20mA, -10
° C≤ T≤100 ° C
[Typ.]
TCV
-2.0
mV/
° C
Temperature coefficient of x
IF=20mA, -10
° C≤ T≤100 ° C
[Typ.]
TCX
-0.18
10-3/
° C
Temperature coefficient of y
IF=20mA, -10
° C≤ T≤100 ° C
[Typ.]
TCy
-0.20
10-3/
° C
Reverse Current (VR = 5V) [Max.]
IR
50
uA
Notes:
1.Measurement tolerance of the chromaticity coordinates is ±0.01.
2.Forward Voltage: +/-0.1V.
3.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - APTB1612CGKQWDF-AMT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APTB1612CGKQWDF-AMT TO-GRACE-APTB1612CGKQWDF-AMT Datasheet
2Mb / 9P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
More results

Similar Description - APTB1612CGKQWDF-AMT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APBA3010SURKCGKC-GX KINGBRIGHT-APBA3010SURKCGKC-GX Datasheet
285Kb / 6P
   Ideal for backlight and indicator
APHBM2012QBDSURKC KINGBRIGHT-APHBM2012QBDSURKC Datasheet
294Kb / 6P
   Ideal for backlight and indicator.
APHBM2012LZGKSYKC KINGBRIGHT-APHBM2012LZGKSYKC Datasheet
280Kb / 6P
   Ideal for backlight and indicator
logo
Omron Electronics LLC
K35-3 OMRON-K35-3 Datasheet
339Kb / 17P
   A Process Indicator Ideal for Discriminating and Displaying Measurements for Voltage/Current Signals
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
   ideal for ATE and measurement instruments.
logo
Taoglas antenna solutio...
MA252.A.LB.001 TAOGLAS-MA252.A.LB.001 Datasheet
7Mb / 39P
   Ideal for IoT and Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com