Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR7060 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MUR7060
Description  70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MUR7060 Datasheet(HTML) 2 Page - Micro Commercial Components

  MUR7060 Datasheet HTML 1Page - Micro Commercial Components MUR7060 Datasheet HTML 2Page - Micro Commercial Components MUR7060 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current - Amperes versus
Case Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
30
40
50
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
60
70
80
Junction Capacitance - pF versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
200
100
Amps
0.6
0.8
1.0
1.2
1.4
1.6
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
10
20
60
100
200
1000
pF
Volts
600
400
40
400
1000
TJ=25
°C
MUR7005 thru MUR7060
www.mccsemi.com
MCC
7040
7005-7020
7005-7020
7060
7060
7040


Similar Part No. - MUR7060

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MUR7060 AMERICASEMI-MUR7060 Datasheet
422Kb / 2P
   HIGH POWER- SUPER FAST RECTIFIERS
logo
GeneSiC Semiconductor, ...
MUR7060 GENESIC-MUR7060 Datasheet
447Kb / 3P
   Silicon Super Fast Recovery Diode
logo
New Jersey Semi-Conduct...
MUR7060 NJSEMI-MUR7060 Datasheet
163Kb / 2P
   70A ULTRA FAST RECOVERY RECTIFIER
logo
GeneSiC Semiconductor, ...
MUR7060 GENESIC-MUR7060 Datasheet
719Kb / 3P
   Silicon Super Fast Recovery Diode
logo
America Semiconductor, ...
MUR7060R AMERICASEMI-MUR7060R Datasheet
422Kb / 2P
   HIGH POWER- SUPER FAST RECTIFIERS
More results

Similar Description - MUR7060

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UFT7005 MCC-UFT7005 Datasheet
111Kb / 3P
   70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
UFT7005SM MCC-UFT7005SM Datasheet
113Kb / 3P
   70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
MUR20005CT MCC-MUR20005CT Datasheet
135Kb / 3P
   200 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
MUR10005 MCC-MUR10005 Datasheet
124Kb / 3P
   100 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
UFT10005 MCC-UFT10005 Datasheet
129Kb / 3P
   100 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
UFT14005 MCC-UFT14005 Datasheet
130Kb / 3P
   140 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
MUR10005CT MCC-MUR10005CT Datasheet
113Kb / 3P
   100 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
1N4933-DO41 YFWDIODE-1N4933-DO41 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Micro Commercial Compon...
SM4933 MCC-SM4933_13 Datasheet
343Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
SM4933 MCC-SM4933 Datasheet
266Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com