Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3545TA2 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM3545TA2
Description  UNIVERSAL SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545TA2 Datasheet(HTML) 3 Page - New Japan Radio

  NJM3545TA2 Datasheet HTML 1Page - New Japan Radio NJM3545TA2 Datasheet HTML 2Page - New Japan Radio NJM3545TA2 Datasheet HTML 3Page - New Japan Radio NJM3545TA2 Datasheet HTML 4Page - New Japan Radio NJM3545TA2 Datasheet HTML 5Page - New Japan Radio NJM3545TA2 Datasheet HTML 6Page - New Japan Radio NJM3545TA2 Datasheet HTML 7Page - New Japan Radio NJM3545TA2 Datasheet HTML 8Page - New Japan Radio NJM3545TA2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NJM3545
s FUNCTIONAL DESCRIPTION
The circuit NJM3545 is a low side driver capable of driving resistive or inductive loads not exceeding 2 A.
The driver has an error indicating function which generates an Error output signal when a fault condition has
occurred.
The circuits NJM3545 and NJM3548 are complementary drivers with equivalent functions and similar data.
NJM3545 is a sink driver and NJM3548 is a source driver.
Input stage
The output stage is switched on and off according to the status of the input. HIGH level activates the output. If the
input is left open, the circuit will accept it as a LOW level.
Output stage
The output stage contains a power transistor and two clamping diodes. The diodes are used for terminating line
transients from inductive loads. If the driver is inactive and the output is shorted to GND the driver will leak maxi-
mum
8
µA. See figure 18.
Protection circuit
The circuit contains two protection circuits:
Overload and Short circuit protection
Thermal protection
The overload and short circuit protection will be activated at I
out= 3.5 A typically at TJ= +25°C, see figure 20.
The output will be turned off immediately and latched to a high-impedance state after an overload or short circuit
has been detected.
Figure 6. Output stage
Figure 5. Input stage
5
I
Ref
GND
Input
3
GND
3
1
2
CC
Output
Fault condition
Input
Output
Error
How to resume normal operation
LOW=Error
HIGH=Normal
Normal
0
LOW
1 OFF
1 HIGH
——
1
HIGH
0
ON
1 HIGH
——
V
OUT Short to GND
0
LOW
1 OFF
0
LOW
Remove fault condition.
1
HIGH
0
ON
0
LOW
Remove fault condition.
V
OUT Short to VCC
0
LOW
1 OFF
1 HIGH
——
1
HIGH
1 OFF
0
LOW
Turn off and on after fault condition is removed.
Open load
0
LOW
1 OFF
1 HIGH
——
1
HIGH
0
ON
0
LOW
Attach proper load to output or turn off the driver.
Over temperature
0
LOW
1 OFF
1 HIGH
——
T
J=130 °C
1
HIGH
1 OFF
0
LOW
Temperature is reduced to approx 120
°C, or turn off the driver.
Figure 7. Error table


Similar Part No. - NJM3545TA2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
NJM3548TA2 NJRC-NJM3548TA2 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
More results

Similar Description - NJM3545TA2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
   Universal Relay Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
   Universal Relay Driver
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
   Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
   Universal Relay Driver
06/23/16
logo
Sanken electric
SLA4052 SANKEN-SLA4052 Datasheet
121Kb / 3P
   Sink Driver Arrays
SLA4051 SANKEN-SLA4051 Datasheet
121Kb / 3P
   Sink Driver Arrays
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
logo
Supertex, Inc
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com