Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURH810CT Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MURH810CT
Description  8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MURH810CT Datasheet(HTML) 2 Page - Micro Commercial Components

  MURH810CT Datasheet HTML 1Page - Micro Commercial Components MURH810CT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MURH805CT thru MURH860CT
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
150
175
0
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
8
10
12
Figure 1
Typical Forward Characteristics
Figure 2
Typical Reverse Characteristics
1
100
4
0
25
50
75
8
Figure 4
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
00
100
125
150
www.mccsemi.com
MCC
50
20
10
7
5
3
2
1
0.7
0.5
0.3
0.2
0.1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
805~840CT
860CT


Similar Part No. - MURH810CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MURH810CT CHENYI-MURH810CT Datasheet
400Kb / 2P
   8Amp super fast glass passivated rectifier 50to600 volts
logo
Digitron Semiconductors
MURH810CT DIGITRON-MURH810CT Datasheet
299Kb / 2P
   8A ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - MURH810CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
   15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
logo
Kersemi Electronic Co.,...
MUR1505 KERSEMI-MUR1505 Datasheet
945Kb / 2P
   15 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1605 MCC-MUR1605 Datasheet
94Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR610CT KERSEMI-MUR610CT Datasheet
814Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1005 MCC-MUR1005 Datasheet
316Kb / 3P
   10 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605 MCC-MUR1605_16 Datasheet
600Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605CT MCC-MUR1605CT_16 Datasheet
425Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610 KERSEMI-MUR1610 Datasheet
816Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1620 KERSEMI-MUR1620 Datasheet
817Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com