Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURHB860CT Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MURHB860CT
Description  8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MURHB860CT Datasheet(HTML) 3 Page - Micro Commercial Components

  MURHB860CT Datasheet HTML 1Page - Micro Commercial Components MURHB860CT Datasheet HTML 2Page - Micro Commercial Components MURHB860CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MURHB805CT thru MURHB860CT
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
20
40
60
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
80
100
120
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
140
TA=75
°C
TA=100
°C
www.mccsemi.com
MCC


Similar Part No. - MURHB860CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURHB860CT ONSEMI-MURHB860CT Datasheet
53Kb / 4P
   MEGAHERTZ Power Rectifier D2PAK Power Surface Mount Package
February, 2006 ??Rev. 2
MURHB860CT ONSEMI-MURHB860CT Datasheet
120Kb / 4P
   Power Rectifier
August, 2011 ??Rev. 3
MURHB860CTG ONSEMI-MURHB860CTG Datasheet
53Kb / 4P
   MEGAHERTZ Power Rectifier D2PAK Power Surface Mount Package
February, 2006 ??Rev. 2
MURHB860CTG ONSEMI-MURHB860CTG Datasheet
120Kb / 4P
   Power Rectifier
August, 2011 ??Rev. 3
MURHB860CTT4 ONSEMI-MURHB860CTT4 Datasheet
53Kb / 4P
   MEGAHERTZ Power Rectifier D2PAK Power Surface Mount Package
February, 2006 ??Rev. 2
More results

Similar Description - MURHB860CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER8A MCC-ER8A Datasheet
78Kb / 2P
   8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
   2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_11 Datasheet
595Kb / 3P
   3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1620FCT KERSEMI-MUR1620FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
ER2A-L MCC-ER2A-L_18 Datasheet
357Kb / 3P
   2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_13 Datasheet
622Kb / 3P
   3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1605FCT MCC-MUR1605FCT Datasheet
78Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com