Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5KE6.0A Datasheet(PDF) 3 Page - Micro Commercial Components

Part # P5KE6.0A
Description  500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

P5KE6.0A Datasheet(HTML) 3 Page - Micro Commercial Components

  P5KE6.0A Datasheet HTML 1Page - Micro Commercial Components P5KE6.0A Datasheet HTML 2Page - Micro Commercial Components P5KE6.0A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
TEST
CURRENT
IT
RATED
STANDOFF
VOLTAGE
VWM
MAXIMUM
REVERSE
LEAKAGE
ID @VWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
PEAK
PULSE
CURRENT
IPP
MAX. TEMP
COEFFICIENT OF
VBR
V(BR) (TA)
–55
°C TO 100°C
MIN
NOM
MAX
mADC
V
(
µA)
V
A
% /
°C
P5KE22
24.4
22
29.8
1
22
1
39.4
12.7
.094
P5KE22A
24.4
22
26.9
1
22
1
35.5
14.1
.094
P5KE24
26.7
24
32.6
1
24
1
43.0
11.6
.096
P5KE24A
26.7
24
29.5
1
24
1
38.9
12.8
.096
P5KE26
28.9
26
35.3
1
26
1
46.6
10.7
.097
P5KE26A
28.9
26
31.9
1
26
1
42.1
11.9
.097
P5KE28
31.1
28
38.0
1
28
1
50.0
9.9
.098
P5KE28A
31.1
28
84.4
1
28
1
45.4
11.0
.098
P5KE30
33.3
30
40.7
1
30
1
53.5
9.3
.099
P5KE30A
33.3
30
36.8
1
30
1
48.4
10.3
.099
P5KE33
36.7
33
44.9
1
33
1
59.0
8.5
.100
P5KE33A
36.7
33
40.6
1
33
1
53.3
9.4
.100
P5KE36
40.0
36
48.9
1
36
1
64.3
7.8
.101
P5KE36A
40.0
36
44.2
1
36
1
58.1
8.6
.101
P5KE40
44.4
40
54.3
1
40
1
71.4
7.0
.101
P5KE40A
44.4
40
49.1
1
40
1
64.5
7.8
.101
P5KE43
47.8
43
58.4
1
43
1
76.7
6.5
.102
P5KE43A
47.8
43
52.8
1
43
1
69.4
7.2
.102
P5KE45
50.0
45
61.1
1
45
1
80.3
6.2
.102
P5KE45A
50.0
45
55.3
1
45
1
72.7
6.9
.102
P5KE48
53.3
48
65.1
1
48
1
85.5
5.8
.103
P5KE48A
53.3
48
58.9
1
48
1
77.4
6.5
.103
P5KE51
56.7
51
69.3
1
51
1
91.1
5.5
.103
P5KE51A
56.7
51
62.7
1
51
1
82.4
6.1
.103
P5KE54
60.0
54
73.3
1
54
1
96.3
5.2
.104
P5KE54A
60.0
54
66.3
1
54
1
87.1
5.7
.104
P5KE58
64.4
58
78.7
1
58
1
103
4.9
.104
P5KE58A
64.4
58
71.2
1
58
1
93.6
5.3
.104
P5KE60
66.7
60
81.5
1
60
1
107
4.7
.104
P5KE60A
66.7
60
73.7
1
60
1
96.8
5.2
.104
P5KE64
71.1
64
86.9
1
64
1
114
4.4
.105
P5KE64A
71.1
64
78.6
1
64
1
103
4.9
.105
P5KE70
77.8
70
95.1
1
70
1
125
4.0
.105
P5KE70A
77.8
70
86
1
70
1
113
4.4
.105
P5KE75
83.3
75
102
1
75
1
134
3.7
.105
P5KE75A
83.3
75
92.1
1
75
1
121
4.1
.105
P5KE78
86.7
78
106
1
78
1
139
3.6
.106
P5KE78A
86.7
78
95.8
1
78
1
126
4.0
.106
P5KE85
94.4
85
115
1
85
1
151
3.3
.106
P5KE85A
94.4
85
104
1
85
1
137
3.6
.106
P5KE90
100
90
122
1
90
1
160
3.1
.107
P5KE90A
100
90
111
1
90
1
146
3.4
.107
P5KE100
111
100
136
1
100
1
179
2.8
.107
P5KE100A
111
100
123
1
100
1
162
3.1
.107
P5KE110
122
110
149
1
110
1
196
2.6
.107
P5KE110A
122
110
135
1
110
1
177
2.8
.107
P5KE120
133
120
163
1
120
1
214
2.3
.107
P5KE120A
133
120
147
1
120
1
193
2.0
.107
P5KE130
144
130
176
1
130
1
231
2.2
.108
P5KE130A
144
130
159
1
130
1
209
2.4
.108
P5KE150
167
150
204
1
150
1
268
1.9
.108
MCC
P5KE150A
167
150
185
1
150
1
243
2.1
.108
P5KE160
178
160
218
1
160
1
287
1.7
.108
P5KE160A
178
160
197
1
160
1
259
1.9
.108
P5KE170
189
170
231
1
170
1
304
1.6
.108
P5KE170A
189
170
209
1
170
1
275
1.8
.108
P5KE5.0 thru P5KE170A
www.mccsemi.com


Similar Part No. - P5KE6.0A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P5KE6.0A MCC-P5KE6.0A Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
logo
Digitron Semiconductors
P5KE6.0A DIGITRON-P5KE6.0A Datasheet
563Kb / 4P
   TRANSIENT VOLTAGE SUPPRESORS
logo
New Jersey Semi-Conduct...
P5KE6.0A NJSEMI-P5KE6.0A Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
List of Unclassifed Man...
P5KE6.0A ETC2-P5KE6.0A Datasheet
331Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P5KE6.0A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
SA50 MICROSEMI-SA50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com