Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPP2512 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # ACPP2512
Description  Precision thin film technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

ACPP2512 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  ACPP2512 Datasheet HTML 1Page - Ohmite Mfg. Co. ACPP2512 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
4/14.39
ACPP Precision Surface Mount
Passivated Resistors
Dimensions (mm)
Series
L
W
T
D1
D2
ACPP0402
1.00 ± 0.05
0.50 ± 0.05
0.30 ± 0.05
0.20 ± 0.10
0.20 ± 0.10
ACPP0603
1.55 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
ACPP0805
2.00 ± 0.15
1.25 ± 0.15
0.55 ± 0.10
0.30 ± 0.20
0.40 ± 0.20
ACPP1206
3.05 ± 0.15
1.55 ± 0.15
0.55 ± 0.10
0.42 ± 0.20
0.35 ± 0.20
ACPP2010
4.90 ± 0.15
2.40 ± 0.15
0.55 ± 0.10
0.60 ± 0.30
0.50 ± 0.20
ACPP2512
6.30 ± 0.15
3.10 ± 0.15
0.55 ± 0.10
0.60 ± 0.30
0.50 ± 0.20
Derating Curve
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
Ambient Temperature (°C)
Ordering Procedure
Standard Resistor: Series, Resistance Value, Tolerance, TCR
.i.e: ACPP0603 100K B 15PPM
Soldering Curve
°C
Ramp-up
250
200
150
100
50
0
50
100
150
200
250
300
Sec
Pre-heating
Reflow
Cooling
Ramp-up 3°C/sec max
180°C max, 120 sec max
Peak 265°C max
260° for 10 sec
Keep at
220°C
max, 60
sec max
Ramp-down 6°C/sec max


Similar Part No. - ACPP2512

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACPP2512 OHMITE-ACPP2512 Datasheet
718Kb / 2P
   Precision thin film technology
More results

Similar Description - ACPP2512

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACL-ACPP OHMITE-ACL-ACPP Datasheet
718Kb / 2P
   Precision thin film technology
logo
TT Electronics.
PCF TTELEC-PCF Datasheet
813Kb / 6P
   precision thin film technology
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com