Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWS Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RWS
Description  High overload capability for surge and pulse applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RWS Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RWS Datasheet HTML 1Page - Ohmite Mfg. Co. RWS Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
The information contained herein does not form part of
a contract and is subject to change without notice. Arcol
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask Arcol.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
1 / 11.46
RWS Precision Power Wirewound
SMD Resistor
A compact and precision power resistor, manufactured to the highest
standards; reliable and robust but still achieving drift of less than 1%
and TCR of 10-90ppm/˚C when under rated conditions
High overload capability for surge and pulse applications
Low inductance available
Custom specification available
RoHS Compliant
Electrical Specifications
Type
Wattage Tolerance
Resistance Range
Resistance Range - Non-inductive
Min
Max
Min
Max
RWS05
0.5
D (0.5%)
F (1%)
J (5%)
R005
1K
R1
200R
RWS1
1
R005
5K8
R1
1K2
RWS2
2
R005
14K
R1
2K8
RWS3
3
R01
25K
R1
5K
RWS5
5
R05
50K
R1
10K
Characteristics
Tolerance (Code):
Operating temperature:
Temperature coefficient:
Max. working voltage:
Short time overload
Solderability
Resistance to solder heat
Dielectric withstanding voltage
Load life
± 0.5% (D),± 1% (F), ± 5% (J)
-55°C to +155°C
± 90ppm/°C R1 - R99, ± 50ppm/°C 1R - 10R, ± 20ppm/°C > 10R
(PxR) 1/2
5 times rated wattage for 5 seconds
±(0.5% + 0.05mΩ)∆R
Bath temperature 235±5˚C, immersion time 2±0.5 seconds JIS C 5201 4.17
>95% of contact face covered new solder
Bath temperature 260±5˚C, immersion time 10±1 seconds JIS C 5201 4.18
±(0.5% + 0.05mΩ)∆R
Test voltage >500V, duration 1 minute JIS C 5201 4.7
70˚C ±2˚C, rated DC working voltage applied 1.5 hours on and 0.5 hours off, 1000 hours, ±(2.0% +
0.05mΩ)∆R
www.arcolresistors.com
For more information and ordering, please consult


Similar Part No. - RWS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-123B ETC2-RWS-123B Datasheet
182Kb / 3P
   Wireless Hi Sensitivity Receiver Module
RWS-168 ETC2-RWS-168 Datasheet
565Kb / 1P
   RWS-168
RWS-371-1 ETC2-RWS-371-1 Datasheet
277Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-371-2 ETC2-RWS-371-2 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-371-3 ETC2-RWS-371-3 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
More results

Similar Description - RWS

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
   High overload capability
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com