Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLRHR30E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # WLRHR30E
Description  1.0 - 32.0 Amps continuous
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WLRHR30E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  WLRHR30E Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co.
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
45
7.25"
5.875"
9.75"
8.75"
3"
3.75"
2.25"
0.5"
1.5"
8"
5.5"
2.5"
WLRH Series
Heliohm Wirewound
The WLRH is a tough, versa-
tile resistor appropriate for the
following applications: motor
starting and speed control,
neutral grounding, lighting bal-
lasts, and A.C. compressor
buffers. This resistor can also
be used in heating applica-
tions. Choose from 45 models
ranging from 0.25 to 250
Ohms to best fit your specific
requirements.
Resistors feature nickel-
copper, nickel-chrome or
stainless steel wire wound in a
double helix around the center
core, depending on size and
model. All have ceramic cores
with a spiral groove to grip the
coiled wire. The 90° flat bus
style terminals are corrosion
resistant stainless steel.
Other mounting options are
available; contact us about
your specific requirements.
S P E C I F I C A T I O N S
Electrical
Current Rating:
1.0 - 32.0 Amps continuous
Wattage Rating: Wattages can
be calculated using I2R from the
data in the standard resistance
value table. These are maxi-
mums for continuous duty allow-
ing a 375°C temperature rise.
Working Voltage: Standard is 600
volts maximum to ground.
Resistance Tolerance: ±10%
Ohmic Values: Ohmic values
listed in the table are at 25°C
±10%.
Mounting: Resistors can be
mounted in various options.
O P T I O N S
Inquires are welcome regarding
special resistance values, frames,
screened enclosures, heat shields
and packages.
S T A N D A R D R E S I S T A N C E V A L U E S
WLRHR25E 0.25
32
WLRHR30E 0.3
31
WLRHR33E 0.33
30
WLRHR35E 0.35
29
WLRHR50E 0.5
27
WLRHR70E 0.7
22
WLRH1R0E 1
18
WLRH1R4E 1.4
15.5
WLRH1R5E 1.5
15
WLRH1R9E 1.9
13.3
WLRH2R0E 2
13
WLRH2R2E 2.2
12.5
WLRH2R5E 2.5
12
WLRH3R2E 3.2
10.8
WLRH3R5E 3.5
10.5
WLRH4R0E 4
10
WLRH4R6E 4.6
9.2
WLRH4R8E 4.8
8.8
WLRH5R0E 5
8.5
WLRH5R5E 5.5
8
WLRH5R8E 5.8
7.7
WLRH6R0E 6
7.6
WLRH6R5E 6.5
7.4
WLRH7R0E
7
7.3
WLRH7R5E
7.5
7.2
WLRH8R0E
8
7.1
WLRH8R5E
8.5
7
WLRH8R6E
8.6
6.8
WLRH10RE
10
6.2
WLRH11RE
11
6.1
WLRH11R5E 11.5
5.9
WLRH12RE
12
5.8
WLRH15RE
15
5.3
WLRH20RE
20
4.6
WLRH27RE
27
3.6
WLRH36RE
36
3
WLRH45RE
45
2.5
WLRH62RE
62
2
WLRH80RE
80
1.8
WLRH100E 100
1.6
WLRH125E 125
1.4
WLRH150E 150
1.3
WLRH175E 175
1.2
WLRH200E 200
1.1
WLRH250E 250
1
Part
Continuous
Number
Ohms Amp Rating
Part
Continuous
Number
Ohms Amp Rating
Check product availability at
www.ohmite.com
Contact Ohmite directly for inquiries on this product.


Similar Part No. - WLRHR30E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WLRHR30E OHMITE-WLRHR30E Datasheet
206Kb / 1P
   Standard is 600 volts maximum to ground
More results

Similar Description - WLRHR30E

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_11 Datasheet
144Kb / 2P
   1.0 AMPS. Silicon Rectifiers
BY133 TSC-BY133 Datasheet
82Kb / 2P
   1.0 AMPS. Silicon Rectifiers
logo
Jinan Gude Electronic D...
S3A JGD-S3A Datasheet
169Kb / 2P
   1.0 AMPS SURFACE MOUNT RECTIFIERS
MUR105 JGD-MUR105 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
SFA11 JGD-SFA11 Datasheet
164Kb / 2P
   1.0 AMPS. SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
US1A TSC-US1A Datasheet
54Kb / 2P
   1.0 Amps. Surface Mount Ultrafast Rectifiers
logo
Jinan Gude Electronic D...
FS1A JGD-FS1A Datasheet
254Kb / 4P
   1.0 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
SS12E TSC-SS12E Datasheet
523Kb / 3P
   1.0 AMPS. Surface Mount Schottky Rectifiers
MUR160 TSC-MUR160 Datasheet
73Kb / 2P
   1.0 AMPS. Ultrafast Glass Passivated Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com