Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3358-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM3358-EP
Description  AM3358-EP Sitara??Processors
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3358-EP Datasheet(HTML) 5 Page - Texas Instruments

  AM3358-EP Datasheet HTML 1Page - Texas Instruments AM3358-EP Datasheet HTML 2Page - Texas Instruments AM3358-EP Datasheet HTML 3Page - Texas Instruments AM3358-EP Datasheet HTML 4Page - Texas Instruments AM3358-EP Datasheet HTML 5Page - Texas Instruments AM3358-EP Datasheet HTML 6Page - Texas Instruments AM3358-EP Datasheet HTML 7Page - Texas Instruments AM3358-EP Datasheet HTML 8Page - Texas Instruments AM3358-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 231 page
background image
ARM
Cortex-A8
Up to 1 GHz
32K and 32K L1 + SED
256K L2 + ECC
176K ROM
64K RAM
Graphics
PowerVR
SGX
3D GFX
Crypto
64K
shared
RAM
24-bit LCD controller
Touch screen controller
Display
PRU-ICSS
PROFINET,
EtherNet/IP,
and more
L3 and L4 interconnect
USB 2.0 HS
OTG + PHY x2
CAN x2
(Ver. 2 A and B)
McASP x2
(4 channel)
I C x3
2
SPI x2
UART x6
Serial
System
Parallel
eDMA
Timers x8
WDT
RTC
eHRPWM x3
eQEP x3
PRCM
eCAP x3
ADC (8 channel)
12-bit SAR
JTAG
Crystal
Oscillator x2
MMC, SD and
SDIO x3
GPIO
EMAC (2-port) 10M, 100M, 1G
IEEE 1588v2, and switch
(MII, RMII, RGMII)
mDDR(LPDDR), DDR2,
DDR3, DDR3L
(16-bit; 200, 266, 400, 400 MHz)
NAND and NOR (16-bit ECC)
Memory interface
AM3358-EP
www.ti.com
SLUSC35A – APRIL 2015 – REVISED APRIL 2015
1.4
Functional Block Diagram
Figure 1-1 shows the AM3358-EP microprocessor functional block diagram.
Figure 1-1. AM3358-EP Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Device Summary
5
Submit Documentation Feedback
Product Folder Links: AM3358-EP


Similar Part No. - AM3358-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3358-EP TI1-AM3358-EP Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3358-EP TI1-AM3358-EP Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3358-EP TI1-AM3358-EP Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
AM3358-EP TI1-AM3358-EP Datasheet
2Mb / 239P
[Old version datasheet]   AM3358-EP Sitara??Processor
AM3358-EP TI1-AM3358-EP_V01 Datasheet
2Mb / 239P
[Old version datasheet]   AM3358-EP Sitara??Processor
More results

Similar Description - AM3358-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3358-EP TI1-AM3358-EP_V01 Datasheet
2Mb / 239P
[Old version datasheet]   AM3358-EP Sitara??Processor
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com