Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP4470 Datasheet(PDF) 4 Page - Texas Instruments

Part # OMAP4470
Description  Multimedia Device Engineering Sample ES1.0
Download  450 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP4470 Datasheet(HTML) 4 Page - Texas Instruments

  OMAP4470 Datasheet HTML 1Page - Texas Instruments OMAP4470 Datasheet HTML 2Page - Texas Instruments OMAP4470 Datasheet HTML 3Page - Texas Instruments OMAP4470 Datasheet HTML 4Page - Texas Instruments OMAP4470 Datasheet HTML 5Page - Texas Instruments OMAP4470 Datasheet HTML 6Page - Texas Instruments OMAP4470 Datasheet HTML 7Page - Texas Instruments OMAP4470 Datasheet HTML 8Page - Texas Instruments OMAP4470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 450 page
background image
Public Version
OMAP4470
SWPS048A – AUGUST 2012 – REVISED JANUARY 2013
www.ti.com
3.3.2
LPDDR2 DC Electrical Characteristics
..................................................................... 131
3.3.3
Camera DC Electrical Characteristics
...................................................................... 134
3.3.4
Display DC Electrical Characteristics
....................................................................... 136
3.3.5
HDQ/1-Wire DC Electrical Characteristics
................................................................. 137
3.3.6
I
2C DC Electrical Characteristics
............................................................................ 138
3.3.7
Audio McBSP / PDM / DMIC DC Electrical Characteristics
............................................. 140
3.3.8
McSPI DC Electrical Characteristics
........................................................................ 142
3.3.9
UART DC Electrical Characteristics
........................................................................ 145
3.3.10
USB DC Electrical Characteristics
.......................................................................... 148
3.3.11
MMC/SDIO DC Electrical Characteristics
.................................................................. 154
3.3.12
JTAG DC Electrical Characteristics
......................................................................... 157
3.3.13
DPM DC Electrical Characteristics
......................................................................... 157
3.3.14
Keypad DC Electrical Characteristics
...................................................................... 160
3.3.15
System DC Electrical Characteristics
...................................................................... 161
3.4
External Capacitors
...................................................................................................... 165
3.4.1
Voltage Decoupling Capacitors
.............................................................................. 165
3.4.1.1
Core, MPU, IVA, Audio Voltage Decoupling
.................................................. 165
3.4.1.2
IO Voltage Decoupling
........................................................................... 166
3.4.1.3
Analog Voltage Decoupling
..................................................................... 168
3.4.2
Output Capacitors
............................................................................................. 172
3.5
Power-up, Power-down and Power-off Sequences
................................................................. 175
3.5.1
Power-Up Sequence
.......................................................................................... 175
3.5.2
Power-Down Sequence
...................................................................................... 176
3.5.3
Power-Off Sequence
......................................................................................... 177
4
Clock Specifications
........................................................................................................ 179
4.1
Input Clock Specifications
.............................................................................................. 181
4.1.1
Input Clock Requirements
................................................................................... 181
4.1.2
sys_32k CMOS Input Clock
................................................................................. 181
4.1.3
fref_xtalin CMOS Input Clock
................................................................................ 182
4.1.3.1
fref_xtal_in / fref_xtal_out External Crystal
.................................................... 182
4.1.3.2
fref_xtal_in Squarer Input Clock
................................................................ 183
4.1.4
fref_slicer_in Input Clock
..................................................................................... 184
4.2
Output Clocks Specifications
........................................................................................... 186
4.2.1
FREF Output Clocks
.......................................................................................... 186
4.3
DPLLs, DLLs Specifications
............................................................................................ 188
4.3.1
DPLLs Characteristics
........................................................................................ 189
4.3.2
DLLs Characteristics
.......................................................................................... 191
4.3.3
DPLLs and DLLs Noise Isolation
............................................................................ 191
4.4
Internal 32-kHz Oscillator
............................................................................................... 191
5
Timing Requirements and Switching Characteristics
........................................................... 192
5.1
Timing Test Conditions
.................................................................................................. 192
5.2
Interface Clock Specifications
.......................................................................................... 192
5.2.1
Interface Clock Terminology
................................................................................. 192
5.2.2
Interface Clock Frequency
................................................................................... 192
5.2.3
Clock Jitter Specifications
.................................................................................... 192
5.2.4
Clock Duty Cycle Error
....................................................................................... 193
5.3
Timing Parameters
....................................................................................................... 193
5.4
External Memory Interface
.............................................................................................. 193
5.4.1
General-Purpose Memory Controller (GPMC)
............................................................ 194
5.4.1.1
GPMC/NOR Flash Interface—Synchronous Mode—58.25 MHz
........................... 194
5.4.1.2
GPMC/NOR Flash Interface—Synchronous Mode—100 MHz
............................. 203
5.4.1.3
GPMC/NOR Flash Interface—Synchronous Mode—66 MHz
.............................. 211
5.4.1.4
GPMC/NOR Flash Interface—Asynchronous Mode
......................................... 221
4
Contents
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - OMAP4470

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP4430 TI1-OMAP4430 Datasheet
7Mb / 443P
[Old version datasheet]   Multimedia Device
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
OMAP4460 TI-OMAP4460 Datasheet
785Kb / 16P
[Old version datasheet]   Multimedia Device Engineering Sample ES1.0 ES1.1
OMAP4460 TI-OMAP4460_15 Datasheet
785Kb / 16P
[Old version datasheet]   Multimedia Device Engineering Sample ES1.0 ES1.1
More results

Similar Description - OMAP4470

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP4460 TI-OMAP4460_15 Datasheet
785Kb / 16P
[Old version datasheet]   Multimedia Device Engineering Sample ES1.0 ES1.1
logo
RFbeam Microwave GmbH
K-MD2 RFBEAM-K-MD2 Datasheet
1Mb / 23P
   Engineering Sample
logo
Texas Instruments
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
OMAP4430 TI1-OMAP4430 Datasheet
7Mb / 443P
[Old version datasheet]   Multimedia Device
OMAPL137-HT TI1-OMAPL137-HT Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com