Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5404-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5404-Q1
Description  TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5404-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5404-Q1_15 Datasheet HTML 1Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 2Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 3Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 4Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 5Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 6Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 7Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 8Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
TAS5404-Q1
www.ti.com
SLOS918A – AUGUST 2015 – REVISED OCTOBER 2015
5 Device Comparison Table
PART NUMBER
MINIMUM POWER SUPPLY VOLTAGE
MAXIMUM POWER SUPPLY VOLTAGE
TAS5404-Q1
5.6 VDC
18 VDC
TAS5414C-Q1
6 VDC
24 VDC
6 Pin Configuration and Functions
Package
64-Pin QFP
(Top View)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TAS5404-Q1


Similar Part No. - TAS5404-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5404-Q1 TI1-TAS5404-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
More results

Similar Description - TAS5404-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6304-Q1 TI1-TPA6304-Q1 Datasheet
272Kb / 5P
[Old version datasheet]   TPA6304-Q1 45-W, 2.1-MHz Analog Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS5441-Q1 TI1-TAS5441-Q1 Datasheet
615Kb / 28P
[Old version datasheet]   TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com