Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C55 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C55
Description  TMS320C5515 Fixed-Point Digital Signal Processor
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C55 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C55_15 Datasheet HTML 6Page - Texas Instruments TMS320C55_15 Datasheet HTML 7Page - Texas Instruments TMS320C55_15 Datasheet HTML 8Page - Texas Instruments TMS320C55_15 Datasheet HTML 9Page - Texas Instruments TMS320C55_15 Datasheet HTML 10Page - Texas Instruments TMS320C55_15 Datasheet HTML 11Page - Texas Instruments TMS320C55_15 Datasheet HTML 12Page - Texas Instruments TMS320C55_15 Datasheet HTML 13Page - Texas Instruments TMS320C55_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 159 page
background image
TMS320C5515
SPRS645F – AUGUST 2010 – REVISED OCTOBER 2013
www.ti.com
2.2.2
On-Chip Single-Access RAM (SARAM)
The SARAM is located at the byte address range 010000h – 04FFFFh and is composed of 32 blocks of
4K words each (see Table 2-3). Each SARAM block can perform one access per cycle (one read or one
write). SARAM can be accessed by the internal program, data, or DMA buses. SARAM is also accessed
by the USB and LCD DMA buses.
Table 2-3. SARAM Blocks
CPU
DMA/USB CONTROLLER
MEMORY BLOCK
BYTE ADDRESS RANGE
BYTE ADDRESS RANGE
010000h
− 011FFFh
0009 0000h – 0009 1FFFh
SARAM 0
012000h
− 013FFFh
0009 2000h – 0009 3FFFh
SARAM 1
014000h
− 015FFFh
0009 4000h – 0009 5FFFh
SARAM 2
016000h
− 017FFFh
0009 6000h – 0009 7FFFh
SARAM 3
018000h
− 019FFFh
0009 8000h – 0009 9FFFh
SARAM 4
01A000h
− 01BFFFh
0009 A000h – 0009 BFFFh
SARAM 5
01C000h
− 01DFFFh
0009 C000h – 0009 DFFFh
SARAM 6
01E000h
− 01FFFFh
0009 E000h – 0009 FFFFh
SARAM 7
020000h
− 021FFFh
000A 0000h – 000A 1FFFh
SARAM 8
022000h
− 023FFFh
000A 2000h – 000A 3FFFh
SARAM 9
024000h
− 025FFFh
000A 4000h – 000A 5FFFh
SARAM 10
026000h
− 027FFFh
000A 6000h – 000A 7FFFh
SARAM 11
028000h
− 029FFFh
000A 8000h – 000A 9FFFh
SARAM 12
02A000h
− 02BFFFh
000A A000h – 000A BFFFh
SARAM 13
02C000h
− 02DFFFh
000A C000h – 000A DFFFh
SARAM 14
02E000h
− 02FFFFh
000A E000h – 000A FFFFh
SARAM 15
030000h
− 031FFFh
000B 0000h – 000B 1FFFh
SARAM 16
032000h
− 033FFFh
000B 2000h – 000B 3FFFh
SARAM 17
034000h
− 035FFFh
000B 4000h – 000B 5FFFh
SARAM 18
036000h
− 037FFFh
000B 6000h – 000B 7FFFh
SARAM 19
038000h
− 039FFFh
000B 8000h – 000B 9FFFh
SARAM 20
03A000h
− 03BFFFh
000B A000h – 000B BFFFh
SARAM 21
03C000h
− 03DFFFh
000B C000h – 000B DFFFh
SARAM 22
03E000h
− 03FFFFh
000B E000h – 000B FFFFh
SARAM 23
040000h – 041FFFh
000C 0000h – 000C 1FFFh
SARAM 24
042000h – 043FFFh
000C 2000h – 000C 3FFFh
SARAM 25
044000h – 045FFFh
000C 4000h – 000C 5FFFh
SARAM 26
046000h – 047FFFh
000C 6000h – 000C 7FFFh
SARAM 27
048000h – 049FFFh
000C 8000h – 000C 9FFFh
SARAM 28
04A000h – 04BFFFh
000C A000h – 000C BFFFh
SARAM 29
04C000h – 04DFFFh
000C C000h – 000C DFFFh
SARAM 30
04E000h – 04FFFFh
000C E000h – 000C FFFFh
SARAM 31(1)
(1)
SARAM31 (byte address range: 0x4E000 – 0x4EFFF) is reserved for the bootloader. After the boot
process is complete, this memory space can be used.
2.2.3
On-Chip Read-Only Memory (ROM)
The zero-wait-state ROM is located at the byte address range FE0000h – FFFFFFh. The ROM is
composed of four 16K-word blocks, for a total of 128K bytes of ROM. The ROM address space can be
mapped by software to the external memory or to the internal ROM.
The standard device includes a Bootloader program resident in the ROM.
10
Device Overview
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C5515


Similar Part No. - TMS320C55_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5502 TI-TMS320C5502 Datasheet
135Kb / 3P
[Old version datasheet]   TMS320C5502/C5509A eZdsp??Development Tools
TMS320C5502ZAVR300 TI1-TMS320C5502ZAVR300 Datasheet
1Mb / 195P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504AZCH10 TI-TMS320C5504AZCH10 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C55_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5515 TI-TMS320C5515 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
TMS320C5515_101 TI-TMS320C5515_101 Datasheet
1,018Kb / 160P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com