Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS6-T Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ABS6-T
Description  Glass passivated junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ABS6-T Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ABS6-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ABS6-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ABS6-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ABS6-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction
- Ideal for automated placement
- Reliable low cost construction utilizing molded plastic technique
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
Unit
VRRM
V
VRMS
V
VDC
V
I
2tA2s
TJ
OC
TSTG
OC
Document Number: DS_D1404019
Version: A14
TJ = 25℃
IFSM
A
TJ = 125℃
- 55 to +150
OC/W
Operating junction temperature range
- 55 to +150
Maximum DC reverse current
TJ=25 ℃
at rated DC blocking voltage
TJ=125℃
TJ = 125℃
60
50
ABS
Maximum average forward rectified current
On glass-epoxy
On aluminum substrate
IF(AV)
0.8
1.0
A
800
30
25
Peak forward surge current,
8.3 ms single half sine-wave
Polarity:
Polarity as marked on the body
0.95
Peak forward surge current,
1.0 ms single half sine-wave
TJ = 25℃
IFSM
A
Rating for fusing (t<8.3ms)
3.74
Maximum instantaneous forward voltage (Note 1)
IF= 0.4 A
VF
V
Note 1: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
RθJL
RθJA
25
80
Storage temperature range
420
600
IR
10
150
μA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
Molded plastic body
ABS6-T
ABS8-T
ABS10-T
700
1000
ABS6-T thru ABS10-T
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
Marking code
Weight:
0.12 g (approximately)
ABS6
ABS8
ABS10
560
800
Maximum DC blocking voltage
Maximum repetitive peak reverse voltage
Maximum RMS voltage
600
1000


Similar Part No. - ABS6-T

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABS6-10 YFWDIODE-ABS6-10 Datasheet
420Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Comchip Technology
ABS6-G COMCHIP-ABS6-G Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
ABS6-HF COMCHIP-ABS6-HF Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
More results

Similar Description - ABS6-T

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com