Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6674 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6674
Description  Multicore Fixed and Floating-Point Digital Signal Processor
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6674 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6674 Datasheet HTML 3Page - Texas Instruments TMS320C6674 Datasheet HTML 4Page - Texas Instruments TMS320C6674 Datasheet HTML 5Page - Texas Instruments TMS320C6674 Datasheet HTML 6Page - Texas Instruments TMS320C6674 Datasheet HTML 7Page - Texas Instruments TMS320C6674 Datasheet HTML 8Page - Texas Instruments TMS320C6674 Datasheet HTML 9Page - Texas Instruments TMS320C6674 Datasheet HTML 10Page - Texas Instruments TMS320C6674 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 238 page
background image
TMS320C6674
SPRS692E—November 2010—Revised March 2014
Copyright 2014 Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Contents
1
TMS320C6674 Features and Description . . . . . . . . . . . . .1
1.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1
1.2
Applications. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
1.3
KeyStone Architecture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
1.4
Device Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
1.5
Functional Block Diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
1.6
Release History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
2
Device Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.1
Device Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.2
DSP Core Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2.3
Memory Map Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2.4
Boot Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
2.5
Boot Modes Supported and PLL Settings . . . . . . . . . . . . 24
2.5.1
Boot Device Field . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
2.5.2
Device Configuration Field . . . . . . . . . . . . . . . . . . . . 26
2.5.3
Boot Parameter Table . . . . . . . . . . . . . . . . . . . . . . . . . 31
2.5.4
PLL Boot Configuration Settings . . . . . . . . . . . . . . . 38
2.6
Second-Level Bootloaders . . . . . . . . . . . . . . . . . . . . . . . . . . 38
2.7
Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.7.1
Package Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.7.2
Pin Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.8
Terminal Functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
2.9
Development and Support . . . . . . . . . . . . . . . . . . . . . . . . . 70
2.9.1
Development Support . . . . . . . . . . . . . . . . . . . . . . . . 70
2.9.2
Device Support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
2.10
Related Documentation from Texas Instruments . . . 72
3
Device Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
3.1
Device Configuration at Device Reset . . . . . . . . . . . . . . . 73
3.2
Peripheral Selection After Device Reset. . . . . . . . . . . . . . 74
3.3
Device State Control Registers . . . . . . . . . . . . . . . . . . . . . . 74
3.3.1
Device Status Register . . . . . . . . . . . . . . . . . . . . . . . . 78
3.3.2
Device Configuration Register (DEVCFG) . . . . . . . 79
3.3.3
JTAG ID Register (JTAGID) Description . . . . . . . . . 79
3.3.4
Kicker Mechanism Register
(KICK0 and KICK1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.3.5
DSP Boot Address Register
(DSP_BOOT_ADDRn) . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.3.6
LRESETNMI PIN Status Register
(LRSTNMIPINSTAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.3.7
LRESETNMI PIN Status Clear Register
(LRSTNMIPINSTAT_CLR) . . . . . . . . . . . . . . . . . . . . . . 81
3.3.8
Reset Status Register (RESET_STAT) . . . . . . . . . . . . 82
3.3.9
Reset Status Clear Register
(RESET_STAT_CLR) . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
3.3.10
Boot Complete Register (BOOTCOMPLETE) . . . 83
3.3.11
Power State Control Register
(PWRSTATECTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
3.3.12
NMI Event Generation to CorePac Register
(NMIGRx). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
3.3.13
IPC Generation Registers (IPCGRx) . . . . . . . . . . . . 85
3.3.14
IPC Acknowledgement Registers (IPCARx) . . . . 86
3.3.15
IPC Generation Host Register (IPCGRH) . . . . . . . 86
3.3.16
IPC Acknowledgement Host Register
(IPCARH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.3.17
Timer Input Selection Register (TINPSEL) . . . . . 88
3.3.18
Timer Output Selection Register
(TOUTPSEL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
3.3.19
Reset Mux Register (RSTMUXx). . . . . . . . . . . . . . . . 91
3.3.20
DSP Suspension Control Register
(DSP_SUSP_CTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .92
3.3.21
Device Speed Register (DEVSPEED) . . . . . . . . . . . 93
3.3.22
Chip Miscellaneous Control Register
(CHIP_MISC_CTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .93
3.4
Pullup/Pulldown Resistors . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
4
System Interconnect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
4.1
Internal Buses and Switch Fabrics . . . . . . . . . . . . . . . . . . . . 95
4.2
Switch Fabric Connections . . . . . . . . . . . . . . . . . . . . . . . . . . 96
4.3
Bus Priorities . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .104
5
C66x CorePac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .105
5.1
Memory Architecture. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .106
5.1.1
L1P Memory. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .106
5.1.2
L1D Memory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .107
5.1.3
L2 Memory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .108
5.1.4
MSM SRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .109
5.1.5
L3 Memory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .109
5.2
Memory Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .110
5.3
Bandwidth Management . . . . . . . . . . . . . . . . . . . . . . . . . . .111
5.4
Power-Down Control. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .111
5.5
C66x CorePac Revision . . . . . . . . . . . . . . . . . . . . . . . . . . . . .112
5.6
C66x CorePac Register Descriptions. . . . . . . . . . . . . . . . .112
6
Device Operating Conditions . . . . . . . . . . . . . . . . . . . . . .113
6.1
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . .113
6.2
Recommended Operating Conditions . . . . . . . . . . . . . .114
6.3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .115
6.4
Power Supply to Peripheral I/O Mapping. . . . . . . . . . . .116
7
Peripheral Information and
Electrical Specifications . . . . . . . . . . . . . . . . . . . . . . . . . .117
7.1
Parameter Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . .117
7.1.1
Timing Parameters and Board Routing
Analysis . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .117
7.1.2
1.8-V LVCMOS Signal Transition Levels . . . . . . . .117
7.2
Recommended Clock and Control Signal
Transition Behavior . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .117
7.3
Power Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .118
7.3.1
Power-Supply Sequencing . . . . . . . . . . . . . . . . . . . .119
7.3.2
Power-Down Sequence . . . . . . . . . . . . . . . . . . . . . . .124
7.3.3
Power Supply Decoupling and
Bulk Capacitors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .124
7.3.4
SmartReflex . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .125
7.4
Power Sleep Controller (PSC) . . . . . . . . . . . . . . . . . . . . . . .126
7.4.1
Power Domains . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .126
7.4.2
Clock Domains . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .127
7.4.3
PSC Register Memory Map . . . . . . . . . . . . . . . . . . . .128
7.5
Reset Controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .130
7.5.1
Power-on Reset. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .131
7.5.2
Hard Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .132
7.5.3
Soft Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .133
7.5.4
Local Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .134
7.5.5
Reset Priority . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .134
7.5.6
Reset Controller Register. . . . . . . . . . . . . . . . . . . . . .134
7.5.7
Reset Electrical Data / Timing . . . . . . . . . . . . . . . . .135
7.6
Main PLL and PLL Controller . . . . . . . . . . . . . . . . . . . . . . . .137
7.6.1
Main PLL Controller Device-Specific
Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .138


Similar Part No. - TMS320C6674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI-TMS320C6672_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com