Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA355 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RA355
Description  35Amp Recover Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RA355 Datasheet(HTML) 2 Page - Micro Commercial Components

  RA355 Datasheet HTML 1Page - Micro Commercial Components RA355 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
20
100
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
10
20
25
°C
Volts
1
100
4
0
50
100
200
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
00
300
400
500
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
10
15
20
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
25
30
35
Junction Capacitance - pFversus
Reverse Voltage - Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C
MCC
www.mccsemi.com
RA351 thru RA357


Similar Part No. - RA355

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RA355 GOOD-ARK-RA355 Datasheet
47Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Micro Commercial Compon...
RA355 MCC-RA355 Datasheet
129Kb / 3P
   35Amp Standard Rectifier 50 to 1000 Volts
RA355GP MCC-RA355GP Datasheet
114Kb / 2P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
RA355GP MCC-RA355GP Datasheet
103Kb / 3P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - RA355

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF351 MCC-PF351 Datasheet
89Kb / 2P
   35Amp Fast Recover Rectifier 50 to 1000 Volts
SRA351 MCC-SRA351 Datasheet
203Kb / 3P
   35Amp Standard Rectifier 50 to 1000 Volts
PF351 MCC-PF351_05 Datasheet
312Kb / 2P
   35Amp Fast Recover Rectifier 50 to 600 Volts
RA351 MCC-RA351_08 Datasheet
129Kb / 3P
   35Amp Standard Rectifier 50 to 1000 Volts
RA351GP MCC-RA351GP Datasheet
114Kb / 2P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA351GP MCC-SRA351GP Datasheet
203Kb / 3P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
RA351GP MCC-RA351GP_08 Datasheet
103Kb / 3P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF351 CHENYI-PF351 Datasheet
326Kb / 2P
   35Amp fast recover rectifier 50to100 volts
logo
Micro Commercial Compon...
SRA251 MCC-SRA251 Datasheet
91Kb / 2P
   25Amp Recover Rectifier 50 to 1000 Volts
SRA501 MCC-SRA501 Datasheet
115Kb / 2P
   50Amp Recover Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com