Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6742 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C6742
Description  TMS320C6742??Fixed- and Floating-Point DSP
Download  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6742 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6742_15 Datasheet HTML 1Page - Texas Instruments TMS320C6742_15 Datasheet HTML 2Page - Texas Instruments TMS320C6742_15 Datasheet HTML 3Page - Texas Instruments TMS320C6742_15 Datasheet HTML 4Page - Texas Instruments TMS320C6742_15 Datasheet HTML 5Page - Texas Instruments TMS320C6742_15 Datasheet HTML 6Page - Texas Instruments TMS320C6742_15 Datasheet HTML 7Page - Texas Instruments TMS320C6742_15 Datasheet HTML 8Page - Texas Instruments TMS320C6742_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 187 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMS320C6742
SPRS587E – JUNE 2009 – REVISED MARCH 2014
TMS320C6742™ Fixed- and Floating-Point DSP
1
TMS320C6742 Fixed- and Floating-Point DSP
1.1
Features
1
2 SP x SP
→ SP Per Clock
• 200-MHz C674x Fixed- and Floating-Point VLIW
DSP
2 SP x SP
→ DP Every Two Clocks
• C674x Instruction Set Features
2 SP x DP
→ DP Every Three Clocks
– Superset of the C67x+ and C64x+ ISAs
2 DP x DP
→ DP Every Four Clocks
– Up to 1600 MIPS and 1200 MFLOPS
Fixed-Point Multiply Supports Two 32 x 32-
Bit Multiplies, Four 16 x 16-Bit Multiplies, or
– Byte-Addressable (8-, 16-, 32-, and 64-Bit Data)
Eight 8 x 8-Bit Multiplies per Clock Cycle,
– 8-Bit Overflow Protection
and Complex Multiples
– Bit-Field Extract, Set, Clear
– Instruction Packing Reduces Code Size
– Normalization, Saturation, Bit-Counting
– All Instructions Conditional
– Compact 16-Bit Instructions
– Hardware Support for Modulo Loop Operation
• C674x Two-Level Cache Memory Architecture
– Protected Mode Operation
– 32KB of L1P Program RAM/Cache
– Exceptions Support for Error Detection and
– 32KB of L1D Data RAM/Cache
Program Redirection
– 64KB of L2 Unified Mapped RAM/Cache
• Software Support
– Flexible RAM/Cache Partition (L1 and L2)
– TI DSP BIOS™
• Enhanced Direct Memory Access Controller 3
– Chip Support Library and DSP Library
(EDMA3):
• 1.8-V or 3.3-V LVCMOS I/Os (Except for DDR2
– 2 Channel Controllers
Interfaces)
– 3 Transfer Controllers
• Two External Memory Interfaces:
– 64 Independent DMA Channels
– EMIFA
– 16 Quick DMA Channels
NOR (8- or 16-Bit-Wide Data)
– Programmable Transfer Burst Size
NAND (8- or 16-Bit-Wide Data)
• TMS320C674x Floating-Point VLIW DSP Core
16-Bit SDRAM with 128-MB Address Space
– Load-Store Architecture with Nonaligned
– DDR2/Mobile DDR Memory Controller with one
Support
of the following:
– 64 General-Purpose Registers (32-Bit)
16-Bit DDR2 SDRAM with 256-MB Address
– Six ALU (32- and 40-Bit) Functional Units
Space
Supports 32-Bit Integer, SP (IEEE Single
16-Bit mDDR SDRAM with 256-MB Address
Precision/32-Bit) and DP (IEEE Double
Space
Precision/64-Bit) Floating Point
• One Configurable 16550-Type UART Module:
Supports up to Four SP Additions Per Clock,
– With Modem Control Signals
Four DP Additions Every Two Clocks
– 16-Byte FIFO
Supports up to Two Floating-Point (SP or
– 16x or 13x Oversampling Option
DP) Reciprocal Approximation (RCPxP) and
• One Serial Peripheral Interface (SPI) with Multiple
Square-Root Reciprocal Approximation
Chip Selects
(RSQRxP) Operations Per Cycle
• Two Master and Slave Inter-Integrated Circuits
– Two Multiply Functional Units:
( I2C Bus™)
Mixed-Precision IEEE Floating-Point Multiply
• One Host-Port Interface (HPI) with 16-Bit-Wide
Supported up to:
Muxed Address and Data Bus For High Bandwidth
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320C6742_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results

Similar Description - TMS320C6742_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com